Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R7 Datasheet(PDF) 41 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R7
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R7 Datasheet(HTML) 41 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 45Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
Application
7.8 Battery monitoring and low battery indication
The battery monitoring circuit allows the battery voltage to be sampled by the nRF5x ADC.
The transistors enable battery voltage sensing through a resistive divider. When not sampling, the
transistors prevent current leakage to ground. The circuit is designed to ensure the voltage range on an
analog input pin over the battery voltage is within the limits required by the nRF5x GPIO and ADC. A
battery voltage of 2.8 V to 4.2 V is scaled down to 360 mV to 540 mV at
P0.xx for sampling.
If software on nRF5x determines that the battery on nPM1100 is low, the Low Bat LED can be switched
on via GPIO. This circuit sources the LED current from
VSYS. VSYS will not be supplied after VBAT drops
below VBATBOR because CHARGER will isolate the battery when a brownout reset occurs. See Power-on
reset (POR) and brownout reset (BOR) on page 10.
4445_367 v1.0
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com