Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R7 Datasheet(PDF) 45 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R7
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R7 Datasheet(HTML) 45 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 45Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 46Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 47Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 49Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
Hardware and layout
Configuration 1
Configuration 2
Configuration 3
Description
Minimal configuration
Fixed 100 mA
VBUS limit
Minimal configuration
Fixed 500 mA
VBUS limit
Normal configuration
USB port detection
BUCK
Not used
Not used
Configured
Ship mode
Not used
Not used
Configured
Battery NTC
Not used
Not used
Configured
VTERM
4.1 V
4.1 V
4.2 V
ISET
AVSS
VSYS
AVSS
D-
AVSS
AVSS
USB
D+
NC
NC
USB
ICHG
4.7 kΩ
1%
0 Ω
GND
1.5 Ω
GND
VOUTB
-
-
2V1
Table 22: PCB application configuration
8.3.1 Configuration 1
R_ICHG
4k7
R1
10k
C2
22µF
VBUS
B1
VSYS
C2
VSYS
C1
VOUTBSET1
B3
D+
A2
nPM1100
VBUS
B2
CHG
E4
VBAT
D1
VBAT
D2
PVSS
A5
SW
A4
AVSS
C5
NTC
E1
ICHG
E2
ISET
D5
VTERM
C3
D-
A1
DEC
A3
VOUTB
B5
ERR
E3
VOUTBSET0
B4
AVSS
C4
MODE
E5
SHPACT
D4
SHPHLD
D3
U1
nPM1100-CAAA
VOUT
VBUS
C1
2.2µF
LD2
L0603G
LD1
L0603R
ERR
CHG
Optional
VBAT
+
J1
Battery pack
4445_367 v1.0
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com