Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R7 Datasheet(PDF) 13 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R7
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R7 Datasheet(HTML) 13 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R7 Datasheet HTML 9Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 10Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 11Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 12Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 13Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 14Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 15Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 16Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 17Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
4 Absolute maximum ratings
Maximum ratings are the extreme limits to which the chip can be exposed for a limited amount of time
without permanently damaging it. Exposure to absolute maximum ratings for prolonged periods of time
may affect the reliability of the device.
Pin
Note
Min. Max.
Unit
VBUS
Power
-0.3 20
V
VBAT
Power
-0.3 5.5
V
VSYS, DEC, SW
-0.3 5.5
V
AVSS, PVSS
Power
0
V
VANAI/O
Analog I/O
D-, D+, NTC, ICHG, VOUTB
-0.3 VINT + 0.3
V
VDIGI/O
Digital I/O
VOUTBSET0, VOUTBSET1, VTERMSET, SHPHLD,
SHPACT, ISET, ERR, CHG, MODE
-0.3 VINT + 0.3
V
Table 4: Pin voltage
Note
Min. Max. Unit
Storage
temperature
-40
+125 °C
MSL
Moisture Sensitivity Level
2
ESD HBM
Human Body Model Class 2
2
kV
ESD CDM
Charged Device Model
500
V
Table 5: Environmental (WLCSP package)
4445_367 v1.0
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com