Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R7 Datasheet(PDF) 19 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R7
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R7 Datasheet(HTML) 19 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R7 Datasheet HTML 15Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 16Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 17Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 23Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
Core components
Figure 8: VSYS voltage vs. VBUS voltage, ILIM=100 mA
6.2 CHARGER — Battery charger
The battery charger is suitable for any general purpose applications with lithium-ion/lithium-polymer
battery types.
The main features of the battery charger are the following:
• Linear charger for Li-ion/Li-poly battery chemistries
• Configurable charge current with a resistor connected to the
ICHG pin (from 20 mA to 400 mA)
• Bidirectional power FET for dynamic power-path management
• Active current limitation when
VBAT supplies VINT
• Selectable termination voltage of 4.1 V or 4.2 V through the
VTERMSET pin
• Automatic trickle, constant current, constant voltage, and end-of-charge/recharge cycle
• JEITA compliant battery thermal protection (NTC) with standard and extended temperature range
6.2.1 Charging cycle
Battery charging starts after a
VBUS connection and battery detection, see Battery detection and UVLO on
page 20.
If a battery is found, trickle charging begins. Fast charging starts when the battery voltage is above
VTRICKLE_FAST. After the battery voltage reaches VTERM, the charger enters constant voltage charging. The
battery voltage is maintained while monitoring current flow into the battery. When the current into the
battery drops below ITERM, charging is complete. The charger waits until the battery voltage is below
VRECHARGE before starting a new charging cycle.
4445_367 v1.0
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com