Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R7 Datasheet(PDF) 46 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R7
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R7 Datasheet(HTML) 46 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 45Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 46Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 47Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 49Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 50Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
Hardware and layout
Designator
Value
Description
Footprint
C1
2.2 µF
Capacitor, X5R, 25 V,
±20%
0603
C2
22 µF
Capacitor, X5R, 6.3 V, ±
20%
0603
J1
Battery pack
Battery pack
TP_2x1mm_TH
LD1
L0603R
LED, SMD, 0603, RED
0603
LD2
L0603G
LED, SMD, 0603, GREEN 0603
R1
10 K
Resistor, 0.05 W, ±1%
0201
R_ICHG
4.7 kΩ
Resistor, 0.05 W, ±1%
0201
U1
nPM1100-CAAA
Li-ion/Li-poly USB
battery charger with
high efficiency buck
regulator
WLCSP-25
Table 23: Configuration 1 reference circuitry
8.3.2 Configuration 2
R1
10k
C2
22µF
VBUS
B1
VSYS
C2
VSYS
C1
VOUTBSET1
B3
D+
A2
nPM1100
VBUS
B2
CHG
E4
VBAT
D1
VBAT
D2
PVSS
A5
SW
A4
AVSS
C5
NTC
E1
ICHG
E2
ISET
D5
VTERM
C3
D-
A1
DEC
A3
VOUTB
B5
ERR
E3
VOUTBSET0
B4
AVSS
C4
MODE
E5
SHPACT
D4
SHPHLD
D3
U1
nPM1100-CAAA
VOUT
VBUS
C1
2.2µF
LD2
L0603G
LD1
L0603R
ERR
CHG
Optional
+
J1
Battery pack
VBAT
4445_367 v1.0
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com