Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R7 Datasheet(PDF) 21 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R7
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R7 Datasheet(HTML) 21 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R7 Datasheet HTML 17Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 25Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Core components
6.2.3 Termination voltage (VTERMSET)
The termination voltage, VTERM, is set using
VTERMSET to support two values of battery charging
termination voltage.
VTERMSET
VTERM threshold
LOW
4.1 V
HIGH
4.2 V
Table 10: VTERMSET
6.2.4 Termination and trickle charge current
Termination current and trickle charge current are set to a percentage of the charge current limit (ICHGLIM).
See Electrical parameters on page 24 for the limits.
6.2.5 Charge current limit (ICHG)
The charge current limit is set between 20 mA and 400 mA by connecting the RICHG resistor to the
ICHG
and
AVSS pins.
The following equation gives the resistance to be connected based on the ICHGLIM.
The following apply when the RICHG resistor is between 0 Ω and 30 kΩ.
• ICHGLIM is the fast charge current limit in Amps
• RICHG is the resistance to be connected between the
ICHG and AVSS pins in Ω
Common values are provided in the following table.
RICHG resistor value
Nominal charge current limit,
ICHGLIM
Error
0 (short to
AVSS)
400 mA
± ICHGACC%
1.5 kΩ
200 mA
± (ICHGACC + RICHGACC)%
4.7 kΩ
100 mA
± (ICHGACC + RICHGACC)%
11 kΩ
50 mA
± (ICHGACC + RICHGACC)%
30 kΩ
20 mA
± (ICHGACC + RICHGACC)%
Table 11: Common charge current values
Note: ICHGLIM must be set at or below the safe charge current limit of the battery according to the
battery specification.
6.2.6 Battery thermal protection using NTC thermistor (NTC)
Battery thermal protection is implemented in the following two ways.
4445_367 v1.0
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com