Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R7 Datasheet(PDF) 20 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R7
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R7 Datasheet(HTML) 20 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R7 Datasheet HTML 16Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 17Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 24Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
Core components
VBUS connect event
Battery detection
Trickle charging
Fast charging
Constant voltage charging
Charging complete
Battery detected
VBAT ≥ V
VBAT ≥ V
IBAT ≤ I
VBAT < V
TRICKLEFAST
TERM
TERM
RECHARGE
Figure 9: Charging cycle flow chart
VTRICKLE_FAST
VTERM
I
V
t
Trickle
charge
Fast charge
Constant voltage charge Charging complete
ICHGLIM
ITRICKLE
ITERM
Figure 10: Charging cycle
6.2.2 Battery detection and UVLO
Battery detection and undervoltage lockout (UVLO) release is run before charging starts.
The charger waits until a battery is detected before charging. If UVLO release fails, then the charger retries
every 500 ms.
Note: UVLO release refers to a UVLO circuit implemented in the battery pack. The device does not
have an undervoltage lockout circuit and it must be implemented in the battery pack to protect
against battery failure due to long term discharge.
4445_367 v1.0
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com