Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R7 Datasheet(PDF) 15 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R7
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R7 Datasheet(HTML) 15 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R7 Datasheet HTML 11Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 12Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 13Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 14Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 15Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 16Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 17Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NPM1100-CAAA-R7 Datasheet HTML 19Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
6 Core components
6.1 SYSREG — System regulator
The input voltage to the system voltage regulator (SYSREG) is supplied by
VBUS. VBUS voltage is supplied
by AC wall adapters or USB ports.
SYSREG is a linear voltage regulator (LDO) that supplies VINT when the device is in normal state.
Features of SYSREG are the following:
• 5 V linear voltage regulator (LDO) supplying VINT when
VBUS is connected
• Operating voltage up to 6.7 V
• Overvoltage protection to 20 V
• USB port detection and control pin for setting the current limit on
VBUS
Note: The
VSYS and DEC pins must not be externally supplied.
6.1.1 USB port detection and VBUS current limiting
The device supports automatic detection of USB port type in line with the Battery Charging Specification
v1.2 found on usb.org.
Primary detection is performed for Standard Downstream Port (SDP), Dedicated Charging Port (DCP), and
Charging Downstream Port (CDP) USB ports. The detection sequence starts once
VBUS is connected and
completes after TCONN0 .
If SDP is detected, the
VBUS current limit is set to 100 mA. An external microcontroller with a USB
interface can negotiate a 500 mA limit with the USB host. It then raises the
VBUS current limit using a
GPIO to control
ISET. This is referred to as USB port negotiation.
If DCP/CDP is detected, the
VBUS current limit is set to 500 mA. In this case, ISET configuration is
ignored.
It is possible to configure the device to set the
VBUS current limit to either 100 mA or 500 mA using ISET
and disabling USB port detection.
The following table describes
ISET, D+, and D- configurations to fix VBUS current limit or set VBUS
current limit based on either USB port detection or USB port negotiation.
4445_367 v1.0
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com