Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F168 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST10F168
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F168 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST10F168 Datasheet HTML 3Page - STMicroelectronics ST10F168 Datasheet HTML 4Page - STMicroelectronics ST10F168 Datasheet HTML 5Page - STMicroelectronics ST10F168 Datasheet HTML 6Page - STMicroelectronics ST10F168 Datasheet HTML 7Page - STMicroelectronics ST10F168 Datasheet HTML 8Page - STMicroelectronics ST10F168 Datasheet HTML 9Page - STMicroelectronics ST10F168 Datasheet HTML 10Page - STMicroelectronics ST10F168 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
ST10F168
7/74
P2.0 - P2.7
P2.8 - P2.15
47-54
57-64
I/O
16-bit bidirectional I/O port, bit-wise programmable for input or output via direction
bit. Programming an I/O pin as input forces the corresponding output driver to high
impedance state. Port 2 outputs can be configured as push-pull or open drain
drivers. The input threshold of Port 2 is selectable (TTL or special).
The following Port 2 pins have alternate functions:
47
I/O
P2.0
CC0IO
CAPCOM: CC0 Capture Input / Compare Output
...
...
...
...
...
54
I/O
P2.7
CC7IO
CAPCOM: CC7 Capture Input / Compare Output
57
I/O
P2.8
CC8IO
CAPCOM: CC8 Capture Input / Compare Output
I
EX0IN
Fast External Interrupt 0 Input
...
...
...
...
...
64
I/O
P2.15
CC15IO
CAPCOM: CC15 Capture Input / Compare Output
I
EX7IN
Fast External Interrupt 7 Input
I
T7IN
CAPCOM2 Timer T7 Count Input
P3.0 - P3.5
P3.6 - P3.13,
P3.15
65-70,
73-80,
81
I/O
I/O
I/O
15-bit (P3.14 is missing) bidirectional I/O port, bit-wise programmable for input or
output via direction bit. Programming an I/O pin as input forces the corresponding
output driver to high impedance state. Port 3 outputs can be configured as push-pull
or open drain drivers. The input threshold of Port 3 is selectable (TTL or special).
The following Port 3 pins have alternate functions:
65
I
P3.0
T0IN
CAPCOM Timer T0 Count Input
66
O
P3.1
T6OUT
GPT2 Timer T6 Toggle Latch Output
67
I
P3.2
CAPIN
GPT2 Register CAPREL Capture Input
68
O
P3.3
T3OUT
GPT1 Timer T3 Toggle Latch Output
69
I
P3.4
T3EUD
GPT1 Timer T3 External Up / Down Control Input
70
I
P3.5
T4IN
GPT1 Timer T4 Input for Count / Gate / Reload / Capture
73
I
P3.6
T3IN
GPT1 Timer T3 Count / Gate Input
74
I
P3.7
T2IN
GPT1 Timer T2 Input for Count / Gate / Reload / Capture
75
I/O
P3.8
MRST
SSC Master-Receiver / Slave-Transmitter I/O
76
I/O
P3.9
MTSR
SSC Master-Transmitter / Slave-Receiver O/I
77
O
P3.10
TxD0
ASC0 Clock / Data Output (Asynchronous / Synchronous)
78
I/O
P3.11
RxD0
ASC0 Data Input (Asynchronous) or I/O (Synchronous)
79
O
P3.12
BHE
External Memory High Byte Enable Signal
WRH
External Memory High Byte Write Strobe
80
I/O
P3.13
SCLK
SSC Master Clock Output / Slave Clock Input
81
O
P3.15
CLKOUT
System Clock Output (=CPU Clock)
Table 1 : Pin Description (continued)
Symbol
Pin
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com