Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F168 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST10F168
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F168 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST10F168 Datasheet HTML 34Page - STMicroelectronics ST10F168 Datasheet HTML 35Page - STMicroelectronics ST10F168 Datasheet HTML 36Page - STMicroelectronics ST10F168 Datasheet HTML 37Page - STMicroelectronics ST10F168 Datasheet HTML 38Page - STMicroelectronics ST10F168 Datasheet HTML 39Page - STMicroelectronics ST10F168 Datasheet HTML 40Page - STMicroelectronics ST10F168 Datasheet HTML 41Page - STMicroelectronics ST10F168 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
ST10F168
38/74
17.2 - Synchronous Reset (Warm Reset)
A synchronous reset is triggered when RSTIN pin
is pulled low while VPP pin is at high level. In order
to properly activate the internal reset logic of the
MCU, the RSTIN pin must be held low, at least,
during 4 TCL (2 periods of CPU clock). The I/O
pins are set to high impedance and RSTOUT pin is
driven low. After RSTIN level is detected, a short
duration of 12 TCL (approximately 6 periods of
CPU clock) elapes, during which pending internal
hold states are cancelled and the current internal
access cycle if any is completed. External bus
cycle is aborted. The internal pulldown of RSTIN
pin is activated if bit BDRSTEN of SYSCON reg-
ister was previously set by software. This bit is
always cleared on power-on or after a reset
sequence.
Exit of Synchrounous Reset State
The internal reset sequence starts for 1024 TCL
(512 periods of CPU clock) and RSTIN pin level is
sampled. The reset sequence is extended until
RSTIN level becomes high. Then, the MCU
restarts. The system configuration is latched from
Port0 and ALE, RD and R/W pins are driven to
their inactive level. The MCU starts program exe-
cution from memory location 00'0000h in code
segment 0. This starting location will typically
point to the general initialization routine. Timing of
synchronous reset sequence are summarized in
Figure 10 and 11.
Notes: 1. RSTIN assertion can be released there.
2. If during the reset condition (RSTIN low), Vpp voltage drops below the threshold voltage (about 2.5V for 5V operation), the
asynchronous reset is then immediately entered.
3. RSTIN rising edge to internal latch of Port0 is 3CPU clock cycles (6 TCL) if the PLL is bypassed and the prescaler is on
(fCPU =fXTAL / 2), else it is 4 CPU clock cycles (8 TCL).
4) RSTIN pin is pulled low if bit BDRSTEN (bit 5 of SUSCON register) was previously set by software. Bit BDRSTEN is cleared after
reset.
Figure 10 : Synchronous Warm Reset: Short low pulse on RSTIN
CPU Clock
RSTIN
VPP
RSTOUT
ALE
Port0
INST #1
Internal
Reset
Signal
Latching point of Port0
for system start-up configuration
6 or 8 TCL3
4 TCL
12 TCL
min.
max.
1024 TCL
1
Internally pulled low4
Reset Configuration
2 V
PP > 2.5V Asynchronous Reset not entered.
200
µA Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com