Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F168 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST10F168
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F168 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST10F168 Datasheet HTML 47Page - STMicroelectronics ST10F168 Datasheet HTML 48Page - STMicroelectronics ST10F168 Datasheet HTML 49Page - STMicroelectronics ST10F168 Datasheet HTML 50Page - STMicroelectronics ST10F168 Datasheet HTML 51Page - STMicroelectronics ST10F168 Datasheet HTML 52Page - STMicroelectronics ST10F168 Datasheet HTML 53Page - STMicroelectronics ST10F168 Datasheet HTML 54Page - STMicroelectronics ST10F168 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
ST10F168
51/74
Notes: 1. ST10F168 pins are equipped with low-noise output drivers which significantly improve the device’s EMI performance. These
low-noise drivers deliver their maximum current only until the respective target output level is reached. After this, the output current
is reduced. This results in increased impedance of the driver, which attenuates electrical noise from the connected PCB tracks. The
current specified in column “Test Conditions” is delivered in all cases.
2. This specification is not valid for outputs which are switched to open drain mode. In this case the respective output will float and the
voltage results from the external circuitry.
3. Partially tested, guaranteed by design characterization.
4. Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin exceeds the specified
range (i.e. VOV > VDD+0.5V or VOV < -0.5V). The absolute sum of input overload currents on all port pins may not exceed 50mA. The
supply voltage must remain within the specified limits.
5. The maximum current may be drawn while the respective signal line remains inactive.
6. This specification is only valid during Reset, or during Hold-mode or Adapt-mode. Port 6 pins are only affected if they are used for
CS output and the open drain function is not enabled.
7. The minimum current must be drawn in order to drive the respective signal line active.
8. The power supply current is a function of the operating frequency. This dependency is illustrated in the Figure 15. These
parameters are tested at VDDmax and 25MHz CPU clock with all outputs disconnected and all inputs at VIL or VIH. The chip is
configured with a demultiplexed 16-bit bus, direct clock drive, 5 chip select lines and 2 segment address lines, EA pin is low during
reset. After reset, Port 0 is driven with the value ‘00CCh’ that produces infinite execution of NOP instruction with 15 wait-state, R/W
delay, memory tristate wait state, normal ALE. Peripherals are not activated.
9. Idle mode supply current is a function of the operating frequency. This dependency is illustrated in the Figure 15. These
parameters are tested at VDDmax and 25MHz CPU clock with all outputs disconnected and all inputs at VIL or VIH.
10. This parameter value includes leakage currents. With all inputs (including pins configured as inputs) at 0 V to 0.1V or at
VDD – 0.1V to VDD, VREF = 0V, all outputs (including pins configured as outputs) disconnected.
11. Apply 12V on VPP 10ms after VDD is stable at power up. VPP pin must be switched to 0V before to switch off VDD (5V).
IOZ2
CC Input leakage current (all other)
0V < VIN < VDD
–
±1
µA
IOV
SR Overload current
3 4
–
±5mA
RRST
CC RSTIN pull-up resistor 3
0V < VIN < VILmax
50
250
k
Ω
IRWH
5
Read / Write inactive current 6
VOUT = 2.4V
–
-40
µA
IRWL
7
Read / Write active current 6
VOUT = VOLmax
-500
–
µA
IALEL
6
ALE inactive current 6
VOUT = VOLmax
40
–
µA
IALEH
6
ALE active current 6
VOUT = 2.4V
–
600
µA
IP6H
6
Port 6 inactive current 6
VOUT = 2.4V
–
-40
µA
IP6L
7
Port 6 active current 6
VOUT = VOL1max
-500
–
µA
IP0H
6
Port 0 configuration current 6
VIN = VIHmin
–-10
µA
IP0L
7
VIN = VILmax
-100
–
µA
IIL
CC XTAL1 input current
0V < VIN < VDD
–
±20
µA
CIO
CC Pin capacitance 6 (digital inputs / outputs)
f = 1MHz,
TA = 25°C
–10
pF
ICC
Power supply current
RSTIN = VIH1
fCPU in [MHz]
8
–
20 + 6 x fCPU mA
IID
Idle mode supply current
RSTIN = VIH1
fCPU in [MHz]
9
–
20 + 3 x fCPU mA
IPD
Power-down mode supply current
VDD = 5.5V
10
–100
µA
IPPR
VPP Read Current
VPP < VDD
–200
µA
IPPW
VPP Programming / Erasing Current
3
VPP = 12V,
fCPU = 25MHz
–20
mA
VPP
11
VPP during Programming / Erasing Operations
11,4
12,6
V
Symbol
Parameter
Test Conditions
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com