Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F168 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST10F168
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F168 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST10F168 Datasheet HTML 11Page - STMicroelectronics ST10F168 Datasheet HTML 12Page - STMicroelectronics ST10F168 Datasheet HTML 13Page - STMicroelectronics ST10F168 Datasheet HTML 14Page - STMicroelectronics ST10F168 Datasheet HTML 15Page - STMicroelectronics ST10F168 Datasheet HTML 16Page - STMicroelectronics ST10F168 Datasheet HTML 17Page - STMicroelectronics ST10F168 Datasheet HTML 18Page - STMicroelectronics ST10F168 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
ST10F168
15/74
Table 6 : Error Code Definition (R0 content after STEAK execution)
Note: The Flash Embedded STEAK Algorithms
require at least 50 words on the Internal
System Stack for proper operation. The
program itself verifies that there is enough
free space on the System Stack before
performing a programming or erasing
operation, by computing the Word number
between Stack Pointer (SP) and Stack
Overflow register (STKOV ).
The MDH, MDL and MDC register content
are modified.
Registers R0 to R4 are used as Input Data
for STEAK, and are modified as explained
above (Return Values).
Registers R5 to R15 are used internally by
STEAK, but preserved on entry and
restore on exit of STEAK.
IT IS VERY IMPORTANT TO TAKE INTO
ACCOUNT
THE
FACT
THAT
STEAK
USES UP TO 50 WORDS ON THE SYS-
TEM
STACK.
TO
PREVENT
ANY
ABNORMAL SITUATION, IT IS VERY
IMPORTANT
TO
INITIALIZE
COR-
RECTLY THE STACK SIZE TO AT LEAST
64 WORDS, AND TO CORRECTLY INI-
TIALIZE REGISTER STKOV.
Error Code
Meaning
00h
Operation was successful
01h
Flash Protection is active
02h
Vpp voltage not present
03h
Programming operation failed
04h
Address value (R1) incorrect: not in Flash address area or odd
05h
CPU period out of range (must be between 30 ns to 500 ns)
06h
Not enough free space on system stack for proper operation
07h
Incorrect bank number (R2,R3) specified
08h
Erase operation failed (phase 1)
09h
Bad source address for Multiple Word programming command
0Ah
Bad number of words to be copied in Multiple Word programming command: one destination will be
out of flash.
0Bh
PLL Unlocked or Oscillator watchdog overflow occured during programming or erasing the flash.
0Ch
Erase operation failed (phase 2)
FFh
Unknown or bad command
Table 7 : Return values for each programming / erase command
Programming
Command
R0
R1
R2
R3
R4-R15
Single or
double Word
programming
Error
code
Unchanged
Data in Flash for
location Segment +
Segment
Offset
(R0.[3:0] with R1)
Data in Flash for
location Segment +
Segment Offset + 2
(R0[3:0] with R1+2)
Unchanged
Block
programming
Error
code
The last segment offset address of the
last written Word in Flash (failing Flash
address if R0 is not equal to zero)
Undefined
Unchanged
Erasing
Error
code
Undefined
Unchanged
After status
read
Error
code
Flash embedded rev
MSByte = major release
LSByte = minor revision
Circuit identifiers :
R2 = #0787h
R3 = #0101h for this device
Unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com