Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F168 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST10F168
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F168 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST10F168 Datasheet HTML 53Page - STMicroelectronics ST10F168 Datasheet HTML 54Page - STMicroelectronics ST10F168 Datasheet HTML 55Page - STMicroelectronics ST10F168 Datasheet HTML 56Page - STMicroelectronics ST10F168 Datasheet HTML 57Page - STMicroelectronics ST10F168 Datasheet HTML 58Page - STMicroelectronics ST10F168 Datasheet HTML 59Page - STMicroelectronics ST10F168 Datasheet HTML 60Page - STMicroelectronics ST10F168 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
ST10F168
57/74
20.5.9 - Memory Cycle Variables
The tables below use three variables which are derived from the BUSCONx registers and which
represent the special characteristics of the programmed memory cycle. The following table describes
how these variables are computed.
20.5.10 - Multiplexed Bus
VDD = 5V ±10%, VSS = 0V, for Q6 version : TA = -40, +85°C and for Q3 version TA = -40, + 125°C, CL = 100pF,
ALE cycle time = 6 TCL + 2tA + tC + tF (120ns at 25MHz CPU clock without wait states), unless otherwise
specified.
Symbol
Description
Values
tA
ALE Extension
TCL x <ALECTL>
tC
Memory Cycle Time wait states
2TCL x (15 - <MCTC>)
tF
Memory Tristate Time
2TCL x (1 - <MTTC>)
Table 24 : Multiplexed bus characteristics
Symbol
Parameter
Maximum CPU Clock
25MHz
Variable CPU Clock
1/2 TCL = 1 to 25MHz
Unit
Minimum
Maximum
Minimum
Maximum
t5
CC ALE high time
10 + tA
–
TCL - 10 + tA
–ns
t6
CC Address setup to ALE
4 + tA
–
TCL - 16+ tA
–ns
t7
CC Address hold after ALE
10 + tA
–
TCL - 10 + tA
–ns
t8
CC ALE falling edge to RD, WR
(with RW-delay)
10 + tA
–
TCL - 10 + tA
–ns
t9
CC ALE falling edge to RD, WR
(no RW-delay)
-10 + tA
–
-10 + tA
–ns
t10 CC Address float after RD, WR
1
(with RW-delay)
–6
–
6
ns
t11 CC Address float after RD, WR
1
(no RW-delay)
–
26
–
TCL + 6
ns
t12 CC RD, WR low time (with RW-delay)
30 + tC
–
2TCL - 10 + tC
–ns
t13 CC RD, WR low time (no RW-delay)
50 + tC
–
3TCL - 10 + tC
–ns
t14 SR RD to valid data in (with RW-delay)
–
20 + tC
–
2TCL - 20+ tC
ns
t15 SR RD to valid data in (no RW-delay)
–
40 + tC
–
3TCL - 20+ tC
ns
t16 SR ALE low to valid data in
–
40 + tA + tC
–
3TCL - 20
+ tA + tC
ns
t17 SR Address / Unlatched CS to valid
data in
–
50 + 2tA + tC
–
4TCL - 30
+ 2tA + tC
ns
t18 SR Data hold after RD rising edge
0
–
0
–
ns
t19 SR Data float after RD
1
–26 + tF
–
2TCL - 14 + tF
ns
t22 CC Data valid to WR
20 + tC
–
2TCL - 20 + tC
–ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com