Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F168 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST10F168
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F168 Datasheet(HTML) 1 Page - STMicroelectronics

  ST10F168 Datasheet HTML 1Page - STMicroelectronics ST10F168 Datasheet HTML 2Page - STMicroelectronics ST10F168 Datasheet HTML 3Page - STMicroelectronics ST10F168 Datasheet HTML 4Page - STMicroelectronics ST10F168 Datasheet HTML 5Page - STMicroelectronics ST10F168 Datasheet HTML 6Page - STMicroelectronics ST10F168 Datasheet HTML 7Page - STMicroelectronics ST10F168 Datasheet HTML 8Page - STMicroelectronics ST10F168 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
1/74
January 2002
s HIGH PERFORMANCE CPU
– 16-BIT CPU WITH 4-STAGE PIPELINE
– 80ns INSTRUCTION CYCLE TIME AT 25MHz
CPU CLOCK
– 400ns 16 X 16-BIT MULTIPLICATION
– 800ns 32 / 16-BIT DIVISION
– ENHANCED
BOOLEAN
BIT
MANIPULATION
FACILITIES
– ADDITIONAL INSTRUCTIONS TO SUPPORT
HLL AND OPERATING SYSTEMS
– SINGLE-CYCLE CONTEXT SWITCHING SUP-
PORT
s MEMORY ORGANIZATION
– 256K BYTE ON-CHIP FLASH MEMORY
– 10K ERASING / PROGRAMMING CYCLES
– UP TO 16M BYTE LINEAR ADDRESS SPACE
FOR CODE AND DATA (5M BYTE WITH CAN)
– 2K BYTE ON-CHIP INTERNAL RAM (IRAM)
– 6K BYTE ON-CHIP EXTENSION RAM (XRAM)
– 20 YEAR DATA RETENTION TIME
s FAST AND FLEXIBLE BUS
– PROGRAMMABLE EXTERNAL BUS CHARAC-
TE-
RISTICS
FOR
DIFFERENT
ADDRESS
RANGES
– 8-BIT OR 16-BIT EXTERNAL DATA BUS
– MULTIPLEXED OR DEMULTIPLEXED EXTER-
NAL ADDRESS / DATA BUSES
– FIVE PROGRAMMABLE CHIP-SELECT SIGNALS
– HOLD-ACKNOWLEDGE
BUS
ARBITRATION
SUPPORT
s INTERRUPT
– 8-CHANNEL PERIPHERAL EVENT CONTROL-
LER FOR SINGLE CYCLE, INTERRUPT DRIVEN
DATA TRANSFER
– 16-PRIORITY-LEVEL
INTERRUPT
SYSTEM
WITH 56 SOURCES, SAMPLE-RATE DOWN TO
40ns
s TIMERS
– TWO
MULTI-FUNCTIONAL
GENERAL
PUR-
POSE TIMER UNITS WITH 5 TIMERS
– TWO
16-CHANNEL
CAPTURE
/
COMPARE
UNITS.
s 4-CHANNEL PWM UNIT
s SERIAL CHANNELS
– SYNCHRONOUS / ASYNCHRONOUS SERIAL
CHANNEL
– HIGH-SPEED SYNCHRONOUS CHANNEL
s A/D CONVERTER
– 16-CHANNEL 10-BIT
– 7.76µS CONVERSION TIME
s FAIL-SAFE PROTECTION
– PROGRAMMABLE WATCHDOG TIMER
– OSCILLATOR WATCHDOG
s ON-CHIP CAN 2.0B INTERFACE
s ON-CHIP BOOTSTRAP LOADER
s CLOCK GENERATION
– ON-CHIP PLL
– DIRECT OR PRESCALED CLOCK INPUT.
s UP TO 111 GENERAL PURPOSE I/O LINES
– INDIVIDUALLY PROGRAMMABLE AS INPUT,
OUTPUT OR SPECIAL FUNCTION.
– PROGRAMMABLE THRESHOLD (HYSTERESIS)
s IDLE AND POWER DOWN MODES
s SINGLE VOLTAGE SUPPLY: 5V ±10%
s 144-PIN PQFP PACKAGE
PQFP144 (28 x 28 mm)
(Plastic Quad Flat Pack)
P.6
P.5
P.3
BRG
FLASH
CPU Core
Watchdog
Interrupt controller
PEC
P.7
P.8
BRG
RAM
OSC
P.1
P.0
P.4
ST10F168
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.


Similar Part No. - ST10F168

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F168SQ6 STMICROELECTRONICS-ST10F168SQ6 Datasheet
806Kb / 4P
16-bit microcontrollers for automotive applications
Jun-2006
More results

Similar Description - ST10F168

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
16-BIT MCU WITH 128K BYTE FLASH MEMORY
May-1997
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Jun-2002
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Aug-2002
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
Feb-2002
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
Mar-2003
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Mar-2003
ST10F269ZX STMICROELECTRONICS-ST10F269ZX Datasheet
3Mb / 184P
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Sep-2003
logo
Sanyo Semicon Device
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
logo
Fortune Semiconductor C...
FS98O23 FORTUNE-FS98O23 Datasheet
2Mb / 147P
8-bit MCU with 8k program EPROM, 384-byte RAM
FS98O25 FORTUNE-FS98O25 Datasheet
2Mb / 142P
8-bit MCU with 8k program EPROM, 256-byte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com