Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F168 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST10F168
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F168 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST10F168 Datasheet HTML 33Page - STMicroelectronics ST10F168 Datasheet HTML 34Page - STMicroelectronics ST10F168 Datasheet HTML 35Page - STMicroelectronics ST10F168 Datasheet HTML 36Page - STMicroelectronics ST10F168 Datasheet HTML 37Page - STMicroelectronics ST10F168 Datasheet HTML 38Page - STMicroelectronics ST10F168 Datasheet HTML 39Page - STMicroelectronics ST10F168 Datasheet HTML 40Page - STMicroelectronics ST10F168 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
ST10F168
37/74
17 - SYSTEM RESET
System reset initializes the MCU in a predefined
state. There are five ways to activate a reset state.
The system start-up configuration is different for
each case as shown in Table 21.
17.1 - Asynchronous Reset (Long Hardware Reset)
An asynchronous reset is triggered when RSTIN
pin is pulled low while VPP pin is at low level. Then
the MCU is immediately forced in reset default
state. It pulls low RSTOUT pin, it cancels pending
internal hold states if any, it waits for any internal
access cycles to finish, it aborts external bus cycle,
it switches buses (data, address and control sig-
nals) and I/O pin drivers to high-impedance, it pulls
high Port0 pins and the reset sequence starts.
Power-on Reset
The asynchronous reset must be used during the
power-on of the MCU. Depending on crystal fre-
quency, the on-chip oscillator needs about 10ms
to 50ms to stabilize. The logic of the MCU does
not need a stabilized clock signal to detect an
asynchronous reset, so it is suitable for power-on
conditions. To ensure a proper reset sequence,
the RSTIN pin and the VPP pin must be held at low
level until the MCU clock signal is stabilized and
the system configuration value on Port0 is settled.
Hardware Reset
The asynchronous reset must be used to recover
from catastrophic situations of the application. It
may be triggerred by the hardware of the applica-
tion. Internal hardware logic and application cir-
cuitry are described in Reset circuitry chapter and
Figures 12, 13 and 14.
Exit of Asynchrounous Reset State
When the RSTIN pin is pulled high, the MCU
restarts. The system configuration is latched from
Port0 and ALE, RD and R/W pins are driven to their
inactive level. The MCU starts program execution
from memory location 00'0000h in code segment 0.
This starting location will typically point to the gen-
eral initialization routine. Timing of asynchronous
reset sequence are summarized in Figure 9.
Note: 1. RSTIN rising edge to internal latch of Port0 is 3CPU clock cycles (6 TCL) if the PLL is bypassed and the prescaler is on
(fCPU =fXTAL / 2), else it is 4 CPU clock cycles (8 TCL).
Table 21 : Reset event definition
Reset Source
Short-cut
Conditions
Power-on reset
PONR
Power-on
Long Hardware reset (synchronous & asynchronous)
LHWR
t RSTIN > 1032 TCL
Short Hardware reset (synchronous reset)
SHWR
4 TCL < t RSTIN < 1032 TCL
Watchdog Timer reset
WDTR
WDT overflow
Software reset
SWR
SRST execution
Figure 9 : Asynchronous Reset Timing
6 or 8 TCL1
CPU Clock
RSTIN
Asynchronous
Reset Condition
VPP
RSTOUT
ALE
Port0
Reset Configuration
INST #1
Internal
Reset
Signal
Latching point of Port0
for system start-up
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com