Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F168 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST10F168
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F168 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST10F168 Datasheet HTML 9Page - STMicroelectronics ST10F168 Datasheet HTML 10Page - STMicroelectronics ST10F168 Datasheet HTML 11Page - STMicroelectronics ST10F168 Datasheet HTML 12Page - STMicroelectronics ST10F168 Datasheet HTML 13Page - STMicroelectronics ST10F168 Datasheet HTML 14Page - STMicroelectronics ST10F168 Datasheet HTML 15Page - STMicroelectronics ST10F168 Datasheet HTML 16Page - STMicroelectronics ST10F168 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
ST10F168
13/74
5 - FLASH MEMORY
The
ST10F168
provides
256K
Byte
of
an
electrically erasable and reprogrammable Flash
Memory on-chip.
The Flash Memory can be used both for code and
data storage. It is organized into four 32-bit wide
blocks allowing even double Word instructions to
be fetched in one machine cycle. The four blocks
of size16K, 48K, 96K and 96K Byte can be erased
and reprogrammed individually (see Table 2 and
Table 3).
The Flash Memory can be programmed in a pro-
gramming board or in the target system which
provides high system flexibility. The algorithms to
program or erase the flash memory are embed-
ded in the Flash Memory itself (ST Embedded
Algorithm Kernel, or STEAKTM).
To start a program / erase operation, the user’s
software has just to load GPRs with the address
and data to be programmed, or sector to be
erased. STEAK uses embedded routines, which
check the validity of the programmed parameters,
decode and then execute the programming or
erase command. During operation, the STEAK
routines carry out checks and retries to verify
proper cell programming or erasing. When an
error occurs, STEAK returns an error-code which
identifies the cause of the error.
A Flash Memory protection option prevents the
read-back of the Flash Memory contents from
external memory, or from on-chip RAM. Code
operation from within the Flash continues as nor-
mal.
The first bank (16K Byte) and part of the second
bank (16K Byte out of 48K Byte) of the on-chip
Flash Memory of the ST10F168 can be mapped
to either segment 0 (addresses 00000h to
07FFFh) or to segment 1 (addresses 10000h to
17FFFh) during the initialization phase. External
memory can be used for additional system
flexibility.
VDD = 5V ± 10%, VPP = 12V ± 5%, VSS = 0V, fCPU = 25MHz, for Q6 version : TA = -40°C, +85°C and for
Q3 version TA = -40°C, + 125°C.
Table 2 : Flash Memory Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fCPU
CPU Frequency during
erasing / programming operation
5
-
32
MHz
Cyc
Erasing / Programming Cycles
fCPU = 25MHz
-
-
10K
tSPRG
Single Word Programming Time
fCPU = 25MHz
-
40
1500
µs
tDPRG
Double Word Programming Time
fCPU = 25MHz
-
40
1500
µs
tEBNK
Sector Erasing Time
fCPU = 25MHz
-
315
s
tRET
Data Retention Time
Defectivity below 1ppm / year
20
-
-
year
Table 3 : Flash Memory Bank Organisation
Bank
Addresses (segment 0)
Addresses (segment 1)
Size (Byte)
0
1
2
3
000000h to 003FFFh
004000h to 007FFFh + 018000h to 01FFFFh
020000h to 037FFFh
038000h to 04FFFFh
010000h to 013FFFh
014000h to 01FFFFh
020000h to 03FFFFh
038000h to 04FFFFh
16K
48K
96K
96K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com