Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP284TRZ-EP-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # OP284TRZ-EP-R7
Description  Precision RRI0 Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP284TRZ-EP-R7 Datasheet(HTML) 4 Page - Analog Devices

  OP284TRZ-EP-R7 Datasheet HTML 1Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 2Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 3Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 4Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 5Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 8Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
OP284-EP
Enhanced Product
Rev. 0 | Page 4 of 13
VS = ±15.0 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
V
OS
100
μV
−55°C ≤ T
A ≤ +125°C
200
μV
Input Bias Current
I
B
80
450
nA
−55°C ≤ T
A ≤ +125°C
600
nA
Input Offset Current
I
OS
−55°C ≤ T
A ≤ +125°C
50
nA
Input Voltage Range
−15
+15
V
Common-Mode Rejection Ratio
CMRR
V
CM = −14.0 V to +14.0 V, −55°C ≤ TA ≤ +125°C
86
90
dB
Large Signal Voltage Gain
A
VO
R
L = 2 kΩ, −10 V ≤ VOUT ≤ 10 V
150
1000
V/mV
R
L = 2 kΩ, −55°C ≤ TA ≤ +125°C
75
V/mV
Offset Voltage Drift
ΔV
OS/ΔT
0.2
2.00
µV/°C
Bias Current Drift
ΔV
B/ΔT
150
pA/°C
OUTPUT CHARACTERISTICS
Output Voltage High
V
OH
I
L = 1.0 mA
14.8
V
Output Voltage Low
V
OL
I
L = 1.0 mA
−14.875
V
Output Current
I
OUT
±10
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = ±2.0 V to ±18 V, −55°C ≤ TA ≤ +125°C
90
dB
Supply Current/Amplifier
I
SY
V
OUT = 0 V, −55°C ≤ TA ≤ +125°C
2.0
mA
V
S = ±18 V, −55°C ≤ TA ≤ +125°C
2.25
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
R
L = 2 kΩ
2.4
4.0
V/µs
Full Power Bandwidth
BW
p
1% distortion, R
L = 2 kΩ, VOUT = 29 V p-p
35
kHz
Settling Time
t
S
To 0.01%, 10 V step
4
µs
Gain Bandwidth Product
GBP
4.25
MHz
Phase Margin
Φ
M
50
Degrees
NOISE PERFORMANCE
Voltage Noise
e
n p-p
0.1 Hz to 10 Hz
0.3
µV p-p
Voltage Noise Density
e
n
f = 1 kHz
3.9
nV/√Hz
Current Noise Density
i
n
0.4
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com