Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP284TRZ-EP-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # OP284TRZ-EP-R7
Description  Precision RRI0 Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP284TRZ-EP-R7 Datasheet(HTML) 1 Page - Analog Devices

  OP284TRZ-EP-R7 Datasheet HTML 1Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 2Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 3Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 4Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 5Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 8Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Precision RRI0 Dual Operational Amplifier
Enhanced Product
OP284-EP
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single-supply operation
Wide bandwidth: 4.25 MHz
Low offset voltage: 100 μV
Unity-gain stable
High slew rate: 4.0 V/μs
Low noise: 3.9 nV/√Hz
ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications (AQEC standard)
Military temperature range (−55°C to +125°C)
Controlled manufacturing baseline
1 assembly/test site
1 fabrication site
Enhanced product change notification
Qualification data available on request
APPLICATIONS
Battery-powered instrumentation
Power supply control and protection
Telecommunications
DAC output amplifier
ADC input buffer
PIN CONNECTION DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The OP284-EP is a dual, single-supply, 4.25 MHz bandwidth
amplifier featuring rail-to-rail inputs and outputs (RRIO).
The OP284-EP is guaranteed to operate from 5 V to 36 V (or
±2.5 V to ±18 V).
This amplifier is superb for single-supply applications requiring
both ac and precision dc performance. The combination of
wide bandwidth, low noise, and precision makes the OP284-EP
useful in a wide variety of applications, including filters and
instrumentation.
Other applications for this amplifier include portable telecom-
munications equipment, power supply control and protection,
and use as an amplifier or buffer for transducers with wide
output ranges. Sensors requiring a rail-to-rail input amplifier
include Hall effect, piezoelectric, and resistive transducers.
The ability to swing rail to rail at both the input and output
enables designers to build multistage filters in single-supply
systems and to maintain high signal-to-noise ratios.
The OP284-EP is specified over the extended industrial
temperature range of −55°C to +125°C. The OP284-EP is
available in a SOIC surface-mount package.
–IN B
OUT B
+IN B
V+
OUT A
–IN A
+IN A
V–
1
2
3
4
8
7
6
5
OP284-EP
TOP VIEW
(Not to Scale)


Similar Part No. - OP284TRZ-EP-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP284 AD-OP284 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP284 AD-OP284 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
Analog Devices
OP284 AD-OP284 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284 Datasheet
248Kb / 5P
Technical Article
More results

Similar Description - OP284TRZ-EP-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
Precision CMOS Dual Operational Amplifier
logo
Analog Devices
OP-285 AD-OP-285 Datasheet
577Kb / 16P
DUAL, 9MHz PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
Dual Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
Precision dual operational amplifier
05-May-2008
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
Dual Precision Operational Amplifier
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
Dual, Matched Precision Operational Amplifier
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
Dual Precision Operational Amplifier
LT1013 TI1-LT1013_16 Datasheet
1Mb / 36P
Dual Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com