Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP284TRZ-EP-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # OP284TRZ-EP-R7
Description  Precision RRI0 Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP284TRZ-EP-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP284TRZ-EP-R7 Datasheet HTML 5Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 8Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 9Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 10Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 11Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 12Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Enhanced Product
OP284-EP
Rev. 0 | Page 9 of 13
Figure 15. Open-Loop Gain vs. Temperature
Figure 16. Closed-Loop Gain vs. Frequency (2 kΩ Load)
Figure 17. Output Impedance vs. Frequency
Figure 18. Output Impedance vs. Frequency
Figure 19. Maximum Output Swing vs. Frequency
Figure 20. Maximum Output Swing vs. Frequency
0
500
1000
1500
2000
2500
3000
3500
4000
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
–10V < VOUT < +10V
RL = 2kΩ
VS = 5V
1V < VOUT < 4V
RL = 2kΩ
60
50
40
30
20
10
0
–10
–20
–40
–30
10
1k
100k
10M
100
10k
1M
FREQUENCY (Hz)
VS = ±15V
RL = 2kΩ
TA = 25°C
300
270
240
210
180
150
120
90
60
0
30
10
1k
100k
10M
100
10k
1M
FREQUENCY (Hz)
VS = 5V
TA = 25°C
AV = +100
AV = +10
AV = +1
300
270
240
210
180
150
120
90
60
0
30
10
1k
100k
10M
100
10k
1M
FREQUENCY (Hz)
VS = 15V
TA = 25°C
AV = +100
AV = +10
AV = +1
5
4
3
2
1
0
1k
100k
10M
10k
1M
FREQUENCY (Hz)
VS = 5V
VIN = 0.5V TO 4.5V
RL = 2kΩ
TA = 25°C
30
25
20
15
10
5
0
1k
100k
10M
10k
1M
FREQUENCY (Hz)
VS = ±15V
VIN = ±14V
RL = 2kΩ
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com