Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP284TRZ-EP-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # OP284TRZ-EP-R7
Description  Precision RRI0 Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP284TRZ-EP-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP284TRZ-EP-R7 Datasheet HTML 3Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 4Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 5Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 8Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 9Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 10Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Enhanced Product
OP284-EP
Rev. 0 | Page 7 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Input Offset Voltage Distribution, VS = 5 V
Figure 4. Input Offset Voltage Distribution, VS = ±15 V
Figure 5. Input Offset Voltage Drift Distribution, VS = 5 V
Figure 6. Input Offset Voltage Drift Distribution, VS = ±15 V
Figure 7. Bias Current vs. Temperature
Figure 8. Input Bias Current vs. Common-Mode Voltage
0
2
4
6
8
10
12
14
16
18
20
–200 –160 –120
–80
–40
0
40
80
120
160
200
INPUT OFFSET VOLTAGE (µV)
VS = 5V
TA = 25°C
VCM = 2.5V
0
2
4
6
8
10
12
14
16
18
20
–200 –160 –120
–80
–40
0
40
80
120
160
200
INPUT OFFSET VOLTAGE (µV)
VS = ±15V
TA = 25°C
0
5
10
15
20
25
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
1.0
TCVOS (µV/°C)
VS = 5V
–55°C ≤ TA ≤ +125°C
0
5
10
15
20
25
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
1.0
TCVOS (µV/°C)
VS = ±15V
–55°C ≤ TA ≤ +125°C
0
20
40
60
80
100
120
140
160
180
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VCM = VS/2
VS = ±15V
VS = 5V
500
–500
–400
–300
–200
–100
0
100
200
300
400
–15
–10
–5
0
5
10
15
COMMON-MODE VOLTAGE (V)
VS = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com