Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP284TRZ-EP-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # OP284TRZ-EP-R7
Description  Precision RRI0 Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP284TRZ-EP-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP284TRZ-EP-R7 Datasheet HTML 5Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 8Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 9Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 10Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 11Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 12Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
OP284-EP
Enhanced Product
Rev. 0 | Page 12 of 13
Figure 33. Small Signal Transient Response
Figure 34. Total Harmonic Distortion + Noise vs. Frequency
VS = 5V
AV = +1
RL = 2kΩ
CL = 300pF
TA = 25°C
1µs
100mV
400mV
0V
0.1
0.0005
0.001
0.01
20
1k
20k
100
10k
FREQUENCY (Hz)
VOUT = ±0.75V
VOUT = ±2.5V
VOUT = ±1.5V
AV = +1000
VS = ±2.5V
RL = 2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com