Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP284TRZ-EP-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # OP284TRZ-EP-R7
Description  Precision RRI0 Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP284TRZ-EP-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP284TRZ-EP-R7 Datasheet HTML 5Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 8Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 9Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 10Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 11Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 12Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Enhanced Product
OP284-EP
Rev. 0 | Page 11 of 13
Figure 27. Step Size vs. Settling Time, VS = 5 V
Figure 28. Step Size vs. Settling Time, VS = ±15 V
Figure 29. 0.1 Hz to 10 Hz Noise, VS = ±2.5 V
Figure 30. 0.1 Hz to 10 Hz Noise, VS = ±15 V
Figure 31. Channel Separation vs. Frequency
Figure 32. Small Signal Transient Response
5
4
3
2
1
–5
–4
–3
–2
–1
0
06
5
4
3
2
1
SETTLING TIME (µs)
VS = 5V
TA = 25°C
0.1%
0.01%
10
8
6
4
2
–10
–8
–6
–4
–2
0
06
5
4
3
2
1
SETTLING TIME (µs)
VS = ±15V
TA = 25°C
0.1%
0.01%
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–5
–4
–3
–2
–1
0
1
2
3
4
5
TIME
VS = ±2.5V
AV = 10M
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–5
–4
–3
–2
–1
0
1
2
3
4
5
TIME
VS = ±15V
AV = 10M
160
140
120
100
80
–40
–20
0
20
40
60
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
VS = 5V
AV = +1
RL = OPEN
CL = 300pF
TA = 25°C
1µs
100mV
400mV
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com