Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP284TRZ-EP-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # OP284TRZ-EP-R7
Description  Precision RRI0 Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP284TRZ-EP-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP284TRZ-EP-R7 Datasheet HTML 4Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 5Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 8Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 9Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 10Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 11Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
OP284-EP
Enhanced Product
Rev. 0 | Page 8 of 13
Figure 9. Output Voltage to Supply Rail vs. Load Current
Figure 10. Supply Current vs. Temperature
Figure 11. Short-Circuit Current vs. Temperature
Figure 12. Open-Loop Gain and Phase vs. Frequency (No Load), VS = 5 V
Figure 13. Open-Loop Gain and Phase vs. Frequency (No Load), VS = 3 V
Figure 14. Open-Loop Gain and Phase vs. Frequency (No Load), VS = ±15 V
1000
10
100
0.01
0.1
1
10
LOAD CURRENT (mA)
SOURCE
SINK
VS = ±15V
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
VS = 5V
0
10
20
30
40
50
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
+ISC
+ISC
–ISC
–ISC
VS = ±15V
VS = 5V, VCM = 2.5V
70
60
50
40
30
20
10
0
–10
–20
–30
0
45
90
135
180
225
270
10k
100k
1M
10M
FREQUENCY (Hz)
VS = 5V
TA = 25°C
NO LOAD
70
60
50
40
30
20
10
0
–10
–20
–30
0
45
90
135
180
225
270
10k
100k
1M
10M
FREQUENCY (Hz)
VS = 3V
TA = 25°C
NO LOAD
70
60
50
40
30
20
10
0
–10
–20
–30
0
45
90
135
180
225
270
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
NO LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com