Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP284TRZ-EP-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # OP284TRZ-EP-R7
Description  Precision RRI0 Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP284TRZ-EP-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP284TRZ-EP-R7 Datasheet HTML 5Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 8Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 9Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 10Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 11Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 12Page - Analog Devices OP284TRZ-EP-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
OP284-EP
Enhanced Product
Rev. 0 | Page 10 of 13
Figure 21. CMRR vs. Frequency
Figure 22. PSRR vs. Frequency
Figure 23. Small Signal Overshoot vs. Capacitive Load
Figure 24. Slew Rate vs. Temperature
Figure 25. Voltage Noise Density vs. Frequency
Figure 26. Current Noise Density vs. Frequency
180
160
140
120
100
80
60
40
20
0
–20
10
100k
10M
1k
100
10k
1M
FREQUENCY (Hz)
VS = ±15V
VS = +5V
TA = 25°C
160
140
120
100
80
60
40
20
0
–40
–20
10
100k
10M
1k
100
10k
1M
FREQUENCY (Hz)
VS = ±15V
VS = +5V
TA = 25°C
80
70
60
50
40
30
20
10
0
10
1000
100
CAPACITIVE LOAD (pF)
+OS
–OS
VS = ±2.5V
TA = 25°C, AVCL = 1
VIN = ±50mV
0
1
2
3
4
5
6
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
–SLEW RATE
+SLEW RATE
–SLEW RATE
+SLEW RATE
VS = 5V
RL = 2kΩ
VS = ±15V
RL = 2kΩ
30
25
20
15
10
5
0
1
10
100
1000
FREQUENCY (Hz)
±2.5V ≤ VS ≤ ±15V
TA = 25°C
10
8
6
4
2
0
1
10
100
1000
FREQUENCY (Hz)
±2.5V ≤ VS ≤ ±15V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com