Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6591TR
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6591TR Datasheet HTML 5Page - STMicroelectronics L6591TR Datasheet HTML 6Page - STMicroelectronics L6591TR Datasheet HTML 7Page - STMicroelectronics L6591TR Datasheet HTML 8Page - STMicroelectronics L6591TR Datasheet HTML 9Page - STMicroelectronics L6591TR Datasheet HTML 10Page - STMicroelectronics L6591TR Datasheet HTML 11Page - STMicroelectronics L6591TR Datasheet HTML 12Page - STMicroelectronics L6591TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
L6591
Electrical characteristics
9/32
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCCrestart HV generator restart voltage
(1)
4.4
5
5.6
V
(1) After DIS tripping
12.2
13.2
14.2
V
Reference voltage
VREF
Output voltage
(2) T
J = 25 °C;
IREF = 1 mA
4.9
5
5.1
V
VREF
Total variation
Vcc= 9.2 to 22 V,
IREF = 1 to 5 mA
4.8
5.2
V
IREF
Short circuit current
VREF = 0
10
30
mA
Sink capability in UVLO
Vcc = 6 V;
Isink = 0.5 mA
0.2
0.5
V
Current sense comparator
IISEN
Input bias current
VISEN = 0
-1
µA
tLEB
Leading edge blanking
After VHVG low-to-high
transition
200
ns
td(H-L)
Delay to output
170
ns
Gain
3.8
4
4.2
V/V
VISENx
Maximum signal
(2) V
COMP = 5 V
0.76
0.8
0.84
V
VISENdis Hiccup-mode OCP level
(2)
1.4
1.5
1.65
V
PWM control and burst-mode control
VCOMPH Maximum level
ICOMP = 0
5.5
V
ICOMP
Source current
VCOMP = 2 V
240
320
400
µA
RCOMP
Dynamic resistance
VCOMP = 2 to 4 V
25
k
Ω
VCOMPBon Burst-mode on threshold
(2) V
COMP falling
1.68
1.75
1.82
V
Hys
Burst-mode hysteresis
VCOMP rising
70
mV
Dmax
Maximum duty cycle
VCOMP = 5 V
45
50
%
Adaptive UVLO
VCOMPL UVLO shift threshold
(2)
1.9
2
2.1
V
Line sensing
Vth
Threshold voltage
Voltage rising or falling
1.22
1.25
1.28
V
IHys
Current hysteresis
Vcc > 5 V
13.2
14.7
16.2
µA
Vclamp
Clamp level
ILINE = 1 mA
2.8
3
V
Table 4.
Electrical characteristics (continued)
(TJ = 0 to 105 °C, Vcc = 15 V, VBOOT = 12 V, CHVG = CLVG = 1 nF; RT = 22 kΩ,
CT = 330 pF; unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com