Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6591TR
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6591TR Datasheet HTML 15Page - STMicroelectronics L6591TR Datasheet HTML 16Page - STMicroelectronics L6591TR Datasheet HTML 17Page - STMicroelectronics L6591TR Datasheet HTML 18Page - STMicroelectronics L6591TR Datasheet HTML 19Page - STMicroelectronics L6591TR Datasheet HTML 20Page - STMicroelectronics L6591TR Datasheet HTML 21Page - STMicroelectronics L6591TR Datasheet HTML 22Page - STMicroelectronics L6591TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
L6591
Application information
19/32
Figure 12.
Operation after latched disable activation: timing diagram
This function is useful to implement a latched over temperature protection very easily by
biasing the pin with a divider from VREF, where the upper resistor is an NTC physically
located close to a heating element like the MOSFET, or the secondary diode or the
transformer. An OVP can be implemented as well, e.g. by sensing the output voltage and
transferring an overvoltage condition via an optocoupler.
5.6
Oscillator and dead-time programming
The oscillator is programmed externally by means of a resistor-capacitor network (RT, CT)
connected from pin OSC (#5) to VREF (#6) and to ground respectively. Once chosen the
oscillator frequency and the dead-time duration needed, the values of RT and CT can be
calculated as:
Equation 1
Equation 2
After having selected the commercial values for RT and CT, the oscillator frequency (fosc)
can be verified with good approximation using the following formula:
 
Vcc
LVG, H VG
Vin
t
t
t
t
4.5V
DIS
HV generator is turn ed on
PFC_STOP
Vccon
Vcc
off
Vccrestart
VHstart
Vcc
on -1
Disable latch is reset here
HV gen erator tu rn-on is disabled here
Inpu t sou rce i s re moved he re
()9
d
osc
T
10
125
T
f
1150
50
R
−
⋅
−
+
=
()
50
R
R
1200
R
f
1
39
.
1
C
T
T
T
osc
T
−
−
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com