Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6591TR
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6591TR Datasheet HTML 6Page - STMicroelectronics L6591TR Datasheet HTML 7Page - STMicroelectronics L6591TR Datasheet HTML 8Page - STMicroelectronics L6591TR Datasheet HTML 9Page - STMicroelectronics L6591TR Datasheet HTML 10Page - STMicroelectronics L6591TR Datasheet HTML 11Page - STMicroelectronics L6591TR Datasheet HTML 12Page - STMicroelectronics L6591TR Datasheet HTML 13Page - STMicroelectronics L6591TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Electrical characteristics
L6591
10/32
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
DIS function
IOTP
Input bias current
VDIS = 0 to Vth
-1
µA
Vth
Disable threshold
4.275
4.5
4.725
V
Oscillator and dead-time programming
fosc
Oscillation frequency
TJ = 25 °C
170
180
190
kHz
Vcc = 9.2 to 22 V
168
180
192
kHz
Vpk
Oscillator peak voltage
(2)
2.85
3
3.15
V
Vvy
Oscillator valley voltage
(2)
0.75
0.9
1.05
V
Tdead
Dead-time
(VHVG high-to-low to VLVG
low-to-high transition)
0.42
µs
CT = 1 nF
1.0
Dead-time (VLVG high-to-low
to VHVG low-to-high
transition)
0.42
CT = 1 nF
1.0
Soft-start
ISSC
Charge current
TJ = 25 °C, VSS < 1.5 V,
VCOMP = 4 V
14
17
20
µA
TJ = 25 °C, VSS > 1.5 V,
VCOMP = VCOMPH
3.0
4.2
5.4
ISsdis
Discharge current
VSS > 1.5 V
3.0
4.2
5.4
µA
VSsclamp High saturation voltage
VCOMP = 4 V
2
V
VSSDIS
Disable level
(2) V
COMP = VCOMPH
4.85
5
5.15
V
VSSLAT
Latch-off level
VCOMP = VCOMPH
6.4
V
PFC_STOP function
Ileak
High level leakage current
VPFC_STOP = Vcc,
VCOMP = 2 V
1
µA
VL
Low saturation level
IPFC_STOP = 2 mA
VCOMP = 1.5 V
0.1
V
Low-side gate driver (voltages referred to GND)
VLVGL
Output low voltage
Isink = 200 mA
1.0
V
VLVGH
Output high voltage
Isource = 5 mA
12.8
13.3
V
Isourcepk Peak source current
(3)
-0.3
A
Isinkpk
Peak sink current (3)
0.8
A
tf
Fall time
40
ns
Table 4.
Electrical characteristics (continued)
(TJ = 0 to 105 °C, Vcc = 15 V, VBOOT = 12 V, CHVG = CLVG = 1 nF; RT = 22 kΩ,
CT = 330 pF; unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com