Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6591TR
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6591TR Datasheet HTML 13Page - STMicroelectronics L6591TR Datasheet HTML 14Page - STMicroelectronics L6591TR Datasheet HTML 15Page - STMicroelectronics L6591TR Datasheet HTML 16Page - STMicroelectronics L6591TR Datasheet HTML 17Page - STMicroelectronics L6591TR Datasheet HTML 18Page - STMicroelectronics L6591TR Datasheet HTML 19Page - STMicroelectronics L6591TR Datasheet HTML 20Page - STMicroelectronics L6591TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
L6591
Application information
17/32
Figure 10.
How the L6591 can switch off a PFC controller at light load
5.3
PWM control block
The device is specific for secondary feedback. Typically, there is a TL431 at the secondary
side and an optocoupler that transfers output voltage information to the PWM control at the
primary side, crossing the isolation barrier. The PWM control input (pin #7, COMP) is driven
directly by the phototransistor’s collector (the emitter is grounded) to modulate the duty
cycle. It is recommended to place a small filter capacitor between the pin and GND (#11), as
close to the IC as possible to reduce switching noise pick up, to set a pole in the output-to-
control transfer function.
5.4
PWM comparator, PWM latch and hiccup-mode OCP
The PWM comparator senses the voltage across the current sense resistor (Rs) and, by
comparing it with the programming signal derived by the voltage on pin COMP (#7),
determines the exact time when the high-side MOSFET is to be switched off. The PWM
latch avoids spurious switching, which might be caused by the noise generated (“double-
pulse suppression”).
A second comparator senses the voltage on the current sense input and shuts the IC down
if the voltage at the pin exceeds 1.5 V. Such an anomalous condition is typically generated
by either a short circuit of one of the secondary rectifiers or a shorted secondary winding or
a saturated transformer. This condition is latched as long as the IC is supplied; hence if the
IC is supplied by an external source it is necessary to disconnect the source to restart the
IC.
To distinguish an actual malfunction from a disturbance (e.g. induced during ESD tests), the
first time the comparator is tripped the protection circuit enters a “warning state”. If in the
next switching cycle the comparator is not tripped, a temporary disturbance is assumed and
the protection logic will be reset in its idle state; if the comparator will be tripped again a real
malfunction is assumed and the L6591 will be stopped.
If the device is self-supplied no energy is coming from the self-supply circuit, then the
voltage on the Vcc capacitor will decay and cross the UVLO threshold after some time,
which clears the latch. The internal start-up generator is still off, then the Vcc voltage still
needs to go below its restart voltage before the Vcc capacitor is charged again and the IC
restarted. Ultimately, either of the above mentioned failures will result in a low-frequency
intermittent operation (Hiccup-mode operation), with very low stress on the power circuit.
The timing diagram of Figure 11 illustrates this operation.
L6591
PFC_STOP
8
L6562
6
Vref
ZCD
5.6 k
47 k
BC547
BC547
L6591
PFC_STOP
8
L6563
PFC_OK
(AC_OK)
L6591
PFC_STOP
8
L6562
6
Vref
ZCD
5.6 kΩ
47 kΩ
BC547
BC547
L6591
PFC_STOP
8
L6563
PFC_OK
(AC_OK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com