Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6591TR
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6591TR Datasheet HTML 16Page - STMicroelectronics L6591TR Datasheet HTML 17Page - STMicroelectronics L6591TR Datasheet HTML 18Page - STMicroelectronics L6591TR Datasheet HTML 19Page - STMicroelectronics L6591TR Datasheet HTML 20Page - STMicroelectronics L6591TR Datasheet HTML 21Page - STMicroelectronics L6591TR Datasheet HTML 22Page - STMicroelectronics L6591TR Datasheet HTML 23Page - STMicroelectronics L6591TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Application information
L6591
20/32
Equation 3
During the negative-going ramp of the sawtooth a clock pulse is released. A T flip-flop, along
with a logic circuit, separates the odd and the even clock pulses. The even ones turn off the
low-side MOSFET first and, after a dead time Td, turn on the high-side MOSFET. Normally,
the high-side MOSFET is turned off (and the low-side MOSFET turned on after the dead
time Td) in response to the control loop; in case of overload it will be the overcurrent
comparator to do the job or, in case of open control loop, the odd clock pulses will limit the
maximum ON-time within one oscillator cycle. In this way, the maximum duty cycle will be
limited right below 50 % and the operating frequency of the converter will be half that of the
oscillator. Precisely, with reference to the waveforms in Figure 15, where Tsw= 2/fosc, the
maximum achievable duty cycle is:
Equation 4
At start-up the first clock pulse will turn on the low-side MOSFET for 10 oscillator cycles to
charge the bootstrap capacitor and then the high-side MOSFET will switch on. When the IC
resumes switching during burst-mode operation the first clock pulse will turn-on the low-side
MOSFET first to charge the bootstrap capacitor, and just after the second clock pulse the
high-side MOSFET will switch-on. In this way the bootstrap capacitor will always be charged
and ready to supply the high-side floating driver. The oscillator waveforms are illustrated in
Figure 15
as well.
The dead-time Td equals the duration of the negative-going ramp of the oscillator sawtooth
plus an internal delay of 125 ns; hence it depends on the timing capacitor CT and the
resistor RT and is given by the approximate relationship:
Equation 5
There is an internal 325 ns limit to the minimum Td value, to make sure that no hazardous
condition of shoot-through can be generated, however it is recommended not to use
capacitor values lower than 220 pF.
))
1150
R
(
C
(
39
.
1
f
T
T
osc
+
≈
()
osc
d
SW
d
SW
d
SW
max
f
T
1
5
.
0
T
T
5
.
0
T
T
2
T
D
−
=
−
=
−
=
9
T
3
T
d
10
125
R
05
.
3
10
54
.
2
1
.
2
C
T
−
−
⋅
+
−
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com