Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6591TR
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6591TR Datasheet HTML 10Page - STMicroelectronics L6591TR Datasheet HTML 11Page - STMicroelectronics L6591TR Datasheet HTML 12Page - STMicroelectronics L6591TR Datasheet HTML 13Page - STMicroelectronics L6591TR Datasheet HTML 14Page - STMicroelectronics L6591TR Datasheet HTML 15Page - STMicroelectronics L6591TR Datasheet HTML 16Page - STMicroelectronics L6591TR Datasheet HTML 17Page - STMicroelectronics L6591TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Application information
L6591
14/32
Figure 6.
Timing diagram: normal power-up and power-down sequences
At converter power-down the system will lose regulation as soon as the input voltage is so
low that either peak current or maximum duty cycle limitation is tripped. Vcc will then drop
and stop IC’s activity as it falls below the UVLO threshold (10.5 V typ.). The Vcc_OK signal
is de-asserted as the Vcc voltage goes below a threshold Vccrest located at about 5 V. The
HV generator can now restart but, if Vin < Vinstart, as shown in Figure 6, HV_EN is de-
asserted too and the HV generator is disabled. This prevents converter’s restart attempts
and ensures monotonic output voltage decay at power-down.
The low restart threshold Vccrest ensures that, during short circuits, the restart attempts of
the L6591 will have a very low repetition rate, as shown in the timing diagram of Figure 7,
and that the converter will work safely with extremely low power throughput.
The restart threshold of the HV generator is changed when any latched disable function of
the IC is invoked to ensure a real latch-off. For more details see
“Latched shutdown” section.
 
Vcc
HVG, LVG
HV_EN
Vccon
Vcc
off
Vcc
restart
t
t
t
t
Vin
VHstart
Icharge
0.75 mA
t
t
Vcc_OK
Power-on
Power-off
Normal
operation
regulation is lost here
PFC_STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com