Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6591TR
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6591TR Datasheet HTML 18Page - STMicroelectronics L6591TR Datasheet HTML 19Page - STMicroelectronics L6591TR Datasheet HTML 20Page - STMicroelectronics L6591TR Datasheet HTML 21Page - STMicroelectronics L6591TR Datasheet HTML 22Page - STMicroelectronics L6591TR Datasheet HTML 23Page - STMicroelectronics L6591TR Datasheet HTML 24Page - STMicroelectronics L6591TR Datasheet HTML 25Page - STMicroelectronics L6591TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Application information
L6591
22/32
5.8
Line sensing function
This function basically stops the IC as the input voltage to the converter falls below the
specified range and lets it restart as the voltage goes back within the range. The sensed
voltage can be either the rectified and filtered mains voltage, in which case the function will
act as a brownout protection, or, in systems with a PFC pre-regulator front-end, the output
voltage of the PFC stage, in which case the function will serve as a power-on and power-off
sequencing.
L6591 shutdown upon input under voltage is accomplished by means of an internal
comparator, as shown in the block diagram of Figure 17, whose non-inverting input is
available at the LINE pin (#1). The comparator is internally referenced to 1.25 V and
disables the IC if the voltage applied at the LINE pin is below the internal reference. Under
these conditions the soft-start discharged, the pin PFC_STOP is open and the consumption
of the IC is reduced. PWM operation is re-enabled as the voltage on the pin is above the
reference. The comparator is provided with current hysteresis instead of a more usual
voltage hysteresis: an internal 15 µA current sink is ON as long as the voltage applied at the
LINE pin is below the reference and is OFF if the voltage is above the reference.
Figure 15.
Line sensing function: internal block diagram and timing diagram
This approach provides an additional degree of freedom: it is possible to set the ON
threshold and the OFF threshold separately by properly choosing the resistors of the
external divider (see below). With voltage hysteresis, instead, fixing one threshold
automatically fixes the other one depending on the built-in hysteresis of the comparator.
With reference to Figure 17, the following relationships can be established for the ON
(VinON) and OFF (VinOFF) thresholds of the input voltage:
+
-
L6591
Vin OK
HV Input bus
3V
LINE
Vcc
1
9
1.25V
15µA
RH
HV Input bus
Vin OK
VinON
VinOFF
LVG, HVG
Vout
LINE
IHYS
t
t
t
t
t
t
t
RL
1.25V
15µA
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com