Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6591TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6591TR
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6591TR Datasheet HTML 19Page - STMicroelectronics L6591TR Datasheet HTML 20Page - STMicroelectronics L6591TR Datasheet HTML 21Page - STMicroelectronics L6591TR Datasheet HTML 22Page - STMicroelectronics L6591TR Datasheet HTML 23Page - STMicroelectronics L6591TR Datasheet HTML 24Page - STMicroelectronics L6591TR Datasheet HTML 25Page - STMicroelectronics L6591TR Datasheet HTML 26Page - STMicroelectronics L6591TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
L6591
Application information
23/32
Equation 6
Which, solved for RH and RL, yield:
Equation 7
While the line undervoltage is active the start-up generator keeps on working but there is no
PWM activity, thus the Vcc voltage continuously oscillates between the start-up and the
UVLO thresholds, as shown in the timing diagram of Figure 17.
The LINE pin, while the device is operating, is a high impedance input connected to high
value resistors, thus it is prone to pick up noise, which might alter the OFF threshold or give
origin to undesired switch-off of the IC during ESD tests. It is possible to bypass the pin to
ground with a small film capacitor (e.g. 1-10 nF) to prevent any malfunctioning of this kind. If
the function is not used the pin has to be connected to the VREF pin (#6) through a resistor
in the range of 10 to 100 k
Ω.
5.9
Soft-start and delayed latched shutdown upon overcurrent
At device start-up, a capacitor (Css) connected between the SS pin (#4) and ground is
charged by an internal current generator, ISS1, from zero up to about 2 V where it is
clamped. During this ramp, the overcurrent setpoint progressively raises from zero the final
value (0.8 V). The time needed for the overcurrent setpoint to reach its steady state value,
referred to as soft-start time, is approximately:
Equation 8
During the ramp, the MOSFET duty cycle increases progressively, hence controlling the
start-up inrush current. Furthermore, all the functions that monitor the voltage on pin COMP
are disabled.
The soft-start pin is also invoked whenever the control voltage (COMP) saturates high,
which reveals an open-loop condition for the feedback system. This condition very often
occurs at start-up, but may be also caused by either a control loop failure or a converter
overload/short circuit.
L
H
OFF
L
6
H
ON
R
25
.
1
R
25
.
1
Vin
R
25
.
1
10
15
R
25
.
1
Vin
=
−
+
⋅
=
−
−
25
.
1
Vin
25
.
1
R
R
;
10
15
Vin
Vin
R
OFF
H
L
6
OFF
ON
H
−
=
⋅
−
=
−
1
SS
SS
SS
I
C
8
.
0
T
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com