Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F510 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST52F510
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST52F510 Datasheet HTML 65Page - STMicroelectronics ST52F510 Datasheet HTML 66Page - STMicroelectronics ST52F510 Datasheet HTML 67Page - STMicroelectronics ST52F510 Datasheet HTML 68Page - STMicroelectronics ST52F510 Datasheet HTML 69Page - STMicroelectronics ST52F510 Datasheet HTML 70Page - STMicroelectronics ST52F510 Datasheet HTML 71Page - STMicroelectronics ST52F510 Datasheet HTML 72Page - STMicroelectronics ST52F510 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 106 page
background image
ST52F510/F513/F514
69/106
11 WATCHDOG TIMER
11.1 Functional Description
The Watchdog Timer (WDT) is used to detect the
occurrence of a software fault, usually generated
by external interference or by unforeseen logical
conditions, which causes the application program
to abandon its normal sequence. The WDT circuit
generates an ICU reset on expiry of a programmed
time period, unless the program refreshes the
WDT before the end of the programmed time
delay. Sixteen different delays can be selected by
using the WDT configuration register.
After the end of the delay programmed by the
configuration register, if the WDT is active, it starts
a reset cycle pulling the reset signal low.
Once the WDT is activated, the application
program has to refresh the counter (by the
WDTRFR instruction) during normal operation in
order to prevent an ICU reset.
In ST52F510/F513/F514 devices it is possible to
choose
between
“Hardware”
or
“Software”
Watchdog.
The
Hardware
WDT
allows
the
counting to avoid unwanted stops for external
interferences. The first mode is always enabled
unless the Option Byte 4 (WDT_EN) is written with
a special code (10101010b): only this code can
switch the WDT in “Software” Mode, the other 255
possibilities keep the “Hardware” Mode enabled.
The WDT is started and refreshed by using the
WDTRFR instruction. When the software mode is
enabled, the WDTSLP instruction stops the WDT
avoiding timeout resets.
When the WDT is in Hardware Mode, neither the
WDTSLP instruction nor external interference can
stop the counting. The “Hardware” WDT is always
enabled after a Reset.
Figure 11.1 Watchdog Block Diagram
The working frequency of WDT (PRES CLK in the
Figure 11.1) is equal to the clock master. The clock
master is divided by 500, obtaining the WDT CLK
signal that is used to fix the timeout of the WDT.
According to the WDT_CR Configuration Register
values, a WDT delay between 0.1ms and 937.5ms
can be defined when the clock master is 5 MHz. By
changing the clock master frequency the timeout
delay
can
be
calculated
according
to
the
configuration register values. The first 4 bits of the
WDT_CR register are used, obtaining 16 different
delays.
11.2 Register Description
SW Watchdog Enable (WDT_EN)
Option Byte 4 (04h)
Reset Value: 0000 0000 (00h)
Bit 7-0: WDTEN7-0 SW Watchdog Enable byte
Writing the code 10101010 in this byte the
Software Watchdog mode is enabled.
D0
D1
D2
D3
Configuration Register
RESET
WDTRFR
PRES CLK = CLK MASTER
WDTSLP
PRESCALER
WDT
RESET
GENERATOR
RESET
W TD CLK
Table 11.1 Watchdog Timing Range (5 MHz)
WDT timeout period (ms)
min
0.1
max
937.5
70
WDTEN7 WDTEN6 WDTEN5 WDTEN4 WDTEN3 WDTEN2 WDTEN1 WDTEN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com