Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F510 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST52F510
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST52F510 Datasheet HTML 24Page - STMicroelectronics ST52F510 Datasheet HTML 25Page - STMicroelectronics ST52F510 Datasheet HTML 26Page - STMicroelectronics ST52F510 Datasheet HTML 27Page - STMicroelectronics ST52F510 Datasheet HTML 28Page - STMicroelectronics ST52F510 Datasheet HTML 29Page - STMicroelectronics ST52F510 Datasheet HTML 30Page - STMicroelectronics ST52F510 Datasheet HTML 31Page - STMicroelectronics ST52F510 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 106 page
background image
ST52F510/F513/F514
28/106
Table 3.2 Output Registers
Mnemonic
Description
Address
PORT_A_OUT
Port A data Output Register
0
00h
PORT_B_OUT
Port B data Output Register
1
01h
PORT_C_OUT
Port C data Output Register
2
02h
-
Not Used
3
03h
-
Not Used
4
04h
SPI_OUT
Serial Peripheral Interface data Output Register
5
05h
I2C_OUT
I2C Interface data Output Register
606h
PWM0_COUNT_OUT_H
PWM/Timer 0 Counter Output Register (MSB)
7
07h
PWM0_COUNT_OUT_L
PWM/Timer 0 Counter Output Register (LSB)
8
08h
PWM0_RELOAD_H
PWM/Timer 0 Reload Register (MSB)
9
09h
PWM0_RELOAD_L
PWM/Timer 0 Reload Register (LSB)
10
0Ah
PWM1_COUNT_OUT_H
PWM/Timer 1 Counter Output Register (MSB)
11
0Bh
PWM1_COUNT_OUT_L
PWM/Timer 1 Counter Output Register (LSB)
12
0Ch
PWM1_RELOAD_H
PWM/Timer 1 Reload Register (MSB)
13
0Dh
PWM1_RELOAD_L
PWM/Timer 1 Reload Register (LSB)
14
0Eh
SCI_OUT
Serial Communication Interface TX data Output Register
23
017h
Table 3.3 Option Bytes
Mnemonic
Description
Address
OSC_CR
Oscillator Control Register
0
00h
CLK_SET
Clock Parameters
1
01h
OSC_SET
Oscillator Set-Up
2
02h
PLDV_CR
Programmable Low Voltage Detector Control Register
3
03h
WDT_EN
HW/SW Watchdog selector
4
04h
PG_LOCK
First Page Write Protected
5
05h
PG_UNLOCK
First Page not Write Protected
6
06h
WAKEUP
Wake Up from Halt Time
7
07h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com