Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F510 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST52F510
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST52F510 Datasheet HTML 81Page - STMicroelectronics ST52F510 Datasheet HTML 82Page - STMicroelectronics ST52F510 Datasheet HTML 83Page - STMicroelectronics ST52F510 Datasheet HTML 84Page - STMicroelectronics ST52F510 Datasheet HTML 85Page - STMicroelectronics ST52F510 Datasheet HTML 86Page - STMicroelectronics ST52F510 Datasheet HTML 87Page - STMicroelectronics ST52F510 Datasheet HTML 88Page - STMicroelectronics ST52F510 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 106 page
background image
ST52F510/F513/F514
85/106
13.4.2 SCI Input Registers.
SCI RX data Input Register (SCI_IN)
Input Register 36 (024h) Read only
Reset Value: 0000 0000 (00h)
Bit 7-0: RX7-0 RX Data
In this register the last received serial data can be
read.
SCI Status Register (SCI_STATUS)
Input Register 37 (025h) Read only
Reset Value: 0000 0011 (03h)
Bit 7: NSERR Noise error
0: noise error not occurred
1: noise error occurred
Bit 6: FRERR Frame error
0: frame error not occurred
1: frame error occurred
Bit 5: RXF RX data register full
0: RX data register already read
1: RX data register full but not read yet
Bit 4: OVERR Overrun error
0: overrun error not occurred
1: overrun error occurred
Bit 3: not used
Bit 2: R8 Received 9th bit
0: RX 9th bit=0
1: RX 9th bit=1
Bit 1: TXEM TX data register empty
0: TX data register full
1: TX data register empty
Bit 0: TXEND TX end flag
0: data transferred to the shift register
1: data transmission completed
13.4.3 SCI Output Register.
SCI TX data Output Register (SCI_OUT)
Input Register 23 (017h) Write only
Reset Value: 0000 0000 (00h)
Bit 7-0: TX7-0 TX Data
In this register the serial data to be transmitted can
be written.
70
RX7
RX6
RX5
RX4
RX3
RX2
RX1
RX0
70
NSERR
FRERR
RXF
OVERR
-
R8
TXEM
TXEND
70
TX7TX6
TX5TX4
TX3TX2
TX1TX0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com