Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F510 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST52F510
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST52F510 Datasheet HTML 45Page - STMicroelectronics ST52F510 Datasheet HTML 46Page - STMicroelectronics ST52F510 Datasheet HTML 47Page - STMicroelectronics ST52F510 Datasheet HTML 48Page - STMicroelectronics ST52F510 Datasheet HTML 49Page - STMicroelectronics ST52F510 Datasheet HTML 50Page - STMicroelectronics ST52F510 Datasheet HTML 51Page - STMicroelectronics ST52F510 Datasheet HTML 52Page - STMicroelectronics ST52F510 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
ST52F510/F513/F514
49/106
Internal Oscillator Calibration (OSC_SET)
Option Byte 2 (02h)
Reset Value: 0001 0100 (14h)
Bit 7-6: Not Used
Bit 5-0: OSPAR5-0 Internal Oscillator Parameters
These bits are used in order to calibrate the
precision of the internal oscillator working
at 10 MHz. The six bits enable some
current generators with steps of 0.05
µA
corresponding to interval of frequency of
100KHz.
Warning:
the
maximum
configuration
value
allowed is 101000 (40). The value coresponding to
the 10 MHz by design is 010100 (20).
PLVD Control Register (PLVD_CR)
Option Byte 3 (03h)
Reset Value: 0000 0010 (02h)
Bit 7-2: Not Used
Bit 1-0: PLVD1-0 PLVD detection levels
00: PLVD disabled
01: Medium detection level
10: Lowest detection level
11: Highest detection level
Wake-Up Time Prescaler (WAKEUP)
Option Byte 7 (07h)
Reset Value: 0000 0000 (00h)
Bit 7-0: WK7-0 Wake-up prescaler
This byte determinates the time delay for
the stabilization of the oscillator after an
External Reset or a POR and after the
wake-up from Halt. The time delay is
computed
according
to
the
following
formula:
Warning: If the internal clock is used as clock
source the prescaler is not used.
Table 6.2 Recomended Gains for the most common frequencies
Frequency
Recommend
Gain Stages
CKPAR2-0
Oscillation
Start Times
Settling Times for
40% duty-cycle
External Clock
0
000
-
-
1 MHz
1
001
367
µs27 µs
4 MHz
1
001
84
µs10 µs
8 MHz
3
011
75
µs9 µs
10 MHz
3
011
79
µs5 µs
12 MHz
6
101
110
µs8 µs
16 MHz
6
101
352
µs7 µs
20 MHz
8
111
165
µs11µs
(1) The recommended values have been chosen to have the best tradeoff beetwen start time and current
consumption. Higher gains give shorter Start times; lower gains give less current consumption.
(2) Indicative values by design at 25° Celsius, VDD=2.6 V. Not Tested in production.
70
-
-
OSPAR5 OSPAR4 OSPAR3 OSPAR2 OSPAR1 OSPAR0
70
--
---
-
PLVD1
PLVD0
70
WK7
WK6
WK5
WK4
WK3
WK2
WK1
WK0
Delay
4096
WAKEUP
1
+
() Tclk
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com