Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F510 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST52F510
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST52F510 Datasheet HTML 71Page - STMicroelectronics ST52F510 Datasheet HTML 72Page - STMicroelectronics ST52F510 Datasheet HTML 73Page - STMicroelectronics ST52F510 Datasheet HTML 74Page - STMicroelectronics ST52F510 Datasheet HTML 75Page - STMicroelectronics ST52F510 Datasheet HTML 76Page - STMicroelectronics ST52F510 Datasheet HTML 77Page - STMicroelectronics ST52F510 Datasheet HTML 78Page - STMicroelectronics ST52F510 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 106 page
background image
ST52F510/F513/F514
75/106
PWM/Timer 0 Control Register 2 (PWM0_CR2)
Configuration Register 10 (0Ah) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7-6: Not Used
Bit 5: T0WAV T0OUT Waveform
0: pulse (type2)
1: square (type1)
Bit 4-0: T0PRESC PWM/Timer 0 Prescaler
The PWM/Timer 0 clock is divided by a
factor equal to 2T0PRESC. The maximum
value allowed for T0PRESC is 10000
(010h).
PWM/Timer 0 Control Register 3 (PWM0_CR3)
Configuration Register 11 (0Bh) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7: T0SYNC PWM/Timer 0 Set/Reset mask
0: Set/Reset activated
1: Set/Reset masked
Bit 6: not used
Bit 5: T1SYNC PWM/Timer 1 Set/Reset mask
0: Set/Reset activated
1: Set/Reset masked
Bit 4: T0CKS PWM/Timer 0 Clock Source
0: Internal clock
1: External Clock from TCLK
Bit 3-2: STRSRC PWM/Timer 0 Start signal source
00: Internal from T0STRT bit
01: External from TSTRT pin
10: Both internal and external
Bit 1-0: RESSRC PWM/Timer 0 Reset source
00: Internal from T0RES bit
01: External from TRES pin
10: Both internal and external
Interrupt Polarity Register (INT_POL)
Configuration Register 1 (01h) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7-5: Not Used
Bit 4: RESPOL Reset signal polarity
0: Reset on low level/rising edge
1: Reset on high level/falling edge
Bit 3: STRPOL Start signal polarity
0: Start on high level/rising edge
1: Start on low level/falling edge
Bit 2-0: See Interrupt Registers Description
12.5.2 PWM/Timer 0 Input Registers.
PWM/Timer 0 Counter High Input Register
(PWM0_COUNT_IN_H)
Input Register 21 (015h) Read only
Reset Value: 0000 0000 (00h)
Bit 7-0: T0CI15-8 PWM/Timer 0 Counter MSB
In this register the current value of the Timer 0
Counter MSB can be read.
74
0
-
-
T0WAV
T0PRESC
74
2
0
T1SYNC
-
T0SYNC T0CKS
STRSRC
RESSRC
70
-
-
-
RESPOL STRPOL POLPB
POLPA POLNMI
70
T0CI15
T0CI14
T0CI13
T0CI12
T0CI11
T0CI10
T0CI9
T0CI8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com