Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F510 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST52F510
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST52F510 Datasheet HTML 39Page - STMicroelectronics ST52F510 Datasheet HTML 40Page - STMicroelectronics ST52F510 Datasheet HTML 41Page - STMicroelectronics ST52F510 Datasheet HTML 42Page - STMicroelectronics ST52F510 Datasheet HTML 43Page - STMicroelectronics ST52F510 Datasheet HTML 44Page - STMicroelectronics ST52F510 Datasheet HTML 45Page - STMicroelectronics ST52F510 Datasheet HTML 46Page - STMicroelectronics ST52F510 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 106 page
background image
ST52F510/F513/F514
43/106
Low Priority Register (INT_PRL_L)
Configuration Register 4 (04h) Read/Write
Reset Value: 1000 1000 (088h)
These three register are used to configure the
priority level of each interrupt source. The 24 bits
of these registers (PRL24-PRL0) are divided into 8
groups of three bits: each group is associated with
a priority level (from level 1, the highest, to level 8,
the lowest: level 0 is fixed for the NMI that can be
interrupted only by the TRAP) . The three bits of
each group are written with the code number
associated with the interrupt source (see Table
5.1).
PRL2-PRL1: Interrupt priority level 1 (highest)
PRL5-PRL3: Interrupt priority level 2
PRL8-PRL6: Interrupt priority level 3
PRL11-PRL9:Interrupt priority level 4
PRL14-PRL12: Interrupt priority level 5
PRL17-PRL15: Interrupt priority level 6
PRL20-PRL18: Interrupt prioritylevel 7
PRL23-PRL21: Interrupt priority level 8 (lowest)
Example: writing the code 110 into PRL8-PRL6
bits the priority level 3 is assigned to the Port A
Interrupt.
Warning: the Priority Level configuration registers
must be always configured.
70
PRL7
PRL6
PRL5
PRL4
PRL3
PRL2
PRL1
PRL0
Table 5.1 Interrupt sources paramethers
Interrupt Source
Priority type
PRL code
RINT code
Maskable
Vector Addresses
A/D Converter
Programmable
000
0
Yes
3-5 (03h-05h)
PWM/Timer 0
Programmable
001
1
Yes
6-8 (06h-08h)
PWM/Timer 1
Programmable
010
2
Yes
9-11 (09h-0Bh)
SCI
Programmable
011
3
Yes
12-14 (0Ch-0Eh)
SPI
Programmable
100
4
Yes
15-17 (0Fh-011h)
I2C Interface
Programmable
101
5
Yes
18-20 (012h-014h)
Port A
Programmable
110
6
Yes
21-23 (015h-017h)
Port B
Programmable
111
7
Yes
24-26 (018h-01Ah)
NMI
Fixed
-
8
No
27-29 (01Bh-01Dh)
TRAP
Fixed to highest
-
-
No
30-32 (01Eh-020h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com