Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F510 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST52F510
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST52F510 Datasheet HTML 66Page - STMicroelectronics ST52F510 Datasheet HTML 67Page - STMicroelectronics ST52F510 Datasheet HTML 68Page - STMicroelectronics ST52F510 Datasheet HTML 69Page - STMicroelectronics ST52F510 Datasheet HTML 70Page - STMicroelectronics ST52F510 Datasheet HTML 71Page - STMicroelectronics ST52F510 Datasheet HTML 72Page - STMicroelectronics ST52F510 Datasheet HTML 73Page - STMicroelectronics ST52F510 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 106 page
background image
ST52F510/F513/F514
70/106
Watchdog Control Register (WDT_CR)
Configuration Register 7 (07h) Read/Write
Reset Value: 0000 0001 (00h)
Bit 7-4: Not Used
Bit 3-0: D3-0 Watchdog Clock divisor factor bits
The Watchdog Clock (WDT CLK) is divided
by the numeric factor determined by these
bits, according with Table 11.2 and the
following formula:
70
--
--
D3
D2
D1
D0
Timeout ms
()
510
5
DivisionFactor
×
×
Clock MHz
()
-----------------------------------------------------------------
=
Table 11.2 Watchdog Timeout configuration examples
WDT_CR(3:0)
Division Factor
Timeout Values (ms)
5 MHz
10 MHz
20MHz
0000
1
0.1
0.05
0.025
0001
625
62.5
31.25
15.625
0010
1250
125
62.5
31.25
0011
1875
187.5
93.75
46.875
0100
2500
250
125
62.5
0101
3125
312.5
156.25
78.125
0110
3750
375
187.5
93.75
0111
4375
437.5
218.75
109.375
1000
5000
500
250
125
1001
5625
562.5
281.25
140.625
1010
6250
625
312.5
156.25
1011
6875
687.5
343.75
171.875
1100
7500
750
375
187.5
1101
8125
812.5
406.25
203.125
1110
8750
875
437.5
218.75
1111
9375
937.5
468.75
234.375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com