Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F510 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST52F510
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST52F510 Datasheet HTML 50Page - STMicroelectronics ST52F510 Datasheet HTML 51Page - STMicroelectronics ST52F510 Datasheet HTML 52Page - STMicroelectronics ST52F510 Datasheet HTML 53Page - STMicroelectronics ST52F510 Datasheet HTML 54Page - STMicroelectronics ST52F510 Datasheet HTML 55Page - STMicroelectronics ST52F510 Datasheet HTML 56Page - STMicroelectronics ST52F510 Datasheet HTML 57Page - STMicroelectronics ST52F510 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 106 page
background image
ST52F510/F513/F514
54/106
1: Port C pin with pull-up
Port C Option Register (PORT_C_OR)
Configuration Register 33 (021h) Read/Write
Reset Value: 0000 0000 (00h)
Note: This register is not used in 16/20 pin devices
Bit 7-6: Not Used
Bit 5-0: ORC5-0 Port C option (see Table 7.1)
Port C Data Direction Register (PORT_C_DDR)
Configuration Register 34 (022h) Read/Write
Reset Value: 0000 0000 (00h)
Note: This register is not used in 16/20 pin devices
Bit 7-6: Not Used
Bit 5-0: DDRC5-0 Port C direction (see Table 7.1)
0: Port C pin configured as input
1: Port C pin configured as output
Note: in order to achieve low current consuption,
the port pins must be configured as input pull-up,
even though they are not existing in the package.
For example in 20 pin devices, the pins PB6-7 and
PC0-7 must be configured in input pull-up.
Port C Alternate Fuction (PORT_C_AF)
Configuration Register 35 (023h) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7-6: Not Used
Bit 5: AFC5 Alternate Function PC5
0: Digital I/O
1: TRES
Bit 4: AFC4 Alternate Function PC4
0: Digital I/O
1: TX
Bit 3: AFC3 Alternate Function PC3
0: Digital I/O
1: SS
Bit 2: AFC2 Alternate Function PC2
0: Digital I/O
1: MISO
Bit 1: AFC1 Alternate Function PC1
0: Digital I/O
1: MOSI
Bit 0: AFC0 Alternate Function PC0
0: Digital I/O
1: SCK
7.6.2 Input Registers.
Port A Data Input Register (PORT_A_IN)
Input Register 0 (00h) Read only
Reset Value: XXXX XXXX
Bit 7-0: PAI7-0 Port A Input data
The logical level applied in the Port A pins,
configured as digital input, can be achieved by
reading this register.
Port B Data Input Register (PORT_B_IN)
Input Register 1 (01h) Read only
Reset Value: XXXX XXXX
(*) Not used in 16/20 pin package devices
(**) Not used in 16 pin package devices
70
-
-
ORC5
ORC4
ORC3
ORC2
ORC1
ORC0
70
-
-
DDRC5
DDRC4
DDRC3
DDRC2
DDRC1
DDRC0
70
-
-
AFC5
AFC4
AFC3
AFC2
AFC1
AFC0
70
PAI7
PAI6
PAI5
PAI4
PAI3
PAI2
PAI1
PAI0
70
PBI7*
PBI6*
PBI5**
PBI4**
PBI3**
PBI2**
PBI1
PBI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com