Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T430K2 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST52T430K2
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K2 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST52T430K2 Datasheet HTML 60Page - STMicroelectronics ST52T430K2 Datasheet HTML 61Page - STMicroelectronics ST52T430K2 Datasheet HTML 62Page - STMicroelectronics ST52T430K2 Datasheet HTML 63Page - STMicroelectronics ST52T430K2 Datasheet HTML 64Page - STMicroelectronics ST52T430K2 Datasheet HTML 65Page - STMicroelectronics ST52T430K2 Datasheet HTML 66Page - STMicroelectronics ST52T430K2 Datasheet HTML 67Page - STMicroelectronics ST52T430K2 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
ST52T430/E430
64/88
11 SERIAL COMMUNICATION INTERFACE
The
Serial
Communication
Interface
(SCI)
integrated into the ST52x430 fuzzy processor
provides
a
general
purpose
shift
register
peripheral, which links several widely distributed
MCU’s through their SCI subsystem. SCI offers a
serial interface providing communication with
common baud rates up to 38,400 and flexible
character format.
SCI is a full-duplex UART-type asynchronous
system with standard Non Return to Zero (NRZ)
format for the transmitted/received bit. The length
of the transmitted word is 10/11 bits (1 start bit, 8/
9 data bits, 1 stop bit).
SCI is composed of three modules: Receiver,
Transmitter
and
Baud-Rate
Generator.
It is
configured by means of Configuration Registers 19
and 20.
WARNING: IN ORDER TO WORK PROPERLY
WITH SCI PERIPHERALS MAINTAINING THE
DESIRED BAUD RATE A SYSTEM CLOCK OF
ONLY 5, 10 OR 20 MHz MUST BE USED.
11.1 SCI Receiver block
The
SCI
Receiver
block
manages
the
synchronization of the serial data stream and
stores data characters. The SCI Receiver is mainly
formed by two sub-systems: Recovery Buffer
Block and SCDR_RX Block.
Figure 11.1 SCI transmitted word structures
The RE configuration bit (bit 1 of the Configuration
Register 20) enables the SCI Receiver when it is
set to “1”.
SCI receives data deriving from the RX/PC5 pin
and drives the Recovery Buffer Block, which is a
high-speed shift register operating at a clock
frequency (CLOCK_RX) that is 16 times higher
than the fixed baud rate (CLOCK_TX). This
sampling rate, higher than the Baud Rate clock
allows the detection of the START condition, Noise
error and Frame error.
Figure 11.2 SCI Block Diagram
SCI
RAM
SCDR_TX
LDPR 9 ram-i
or
LDPE 9 epr-i
Baud-Rate
Generator
LDRI ram-i 18
SHIFT REGISTER
SCDR_RX
RECOVERY BUFFER
RX/PC5
TX/PC4
SCI Transmitter
SCI Receiver
MCLK
RAM / EPROM
IR 18
OR 9
7
6
5
43
2
10
8
9
7
6
5
43
2
1
0
8
9
10
STOP
DATA
START
STOP
DATA
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com