Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T430K2 Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST52T430K2
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K2 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST52T430K2 Datasheet HTML 80Page - STMicroelectronics ST52T430K2 Datasheet HTML 81Page - STMicroelectronics ST52T430K2 Datasheet HTML 82Page - STMicroelectronics ST52T430K2 Datasheet HTML 83Page - STMicroelectronics ST52T430K2 Datasheet HTML 84Page - STMicroelectronics ST52T430K2 Datasheet HTML 85Page - STMicroelectronics ST52T430K2 Datasheet HTML 86Page - STMicroelectronics ST52T430K2 Datasheet HTML 87Page - STMicroelectronics ST52T430K2 Datasheet HTML 88Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
ST52T430/E430
86/88
ORDERING INFORMATION
Each device is available for production in user programmable version (OTP) as well as in factory pro-
grammed version (FASTROM). OTP devices are shipped to the customer with a default blank content
FFh, while FASTROM factory programmed parts contain the code sent by the customer. There is one
common EPROM version for debugging and prototyping, which features the maximum memory size and
peripherals of the family. Care must be taken only to use resources available on the target device.
Figure 12.16 Device Types Selection Guide
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ST52T430K1M6
-40 to +85
°C
SSO34
ST52T430K2M6
-40 to +85
°C
SSO34
ST52T430K3M6
-40 to +85
°C
SSO34
ST52T430K1B6
-40 to +85
°C
PSDIP32
ST52T430K2B6
-40 to +85
°C
PSDIP32
ST52T430K3B6
-40 to +85
°C
PSDIP32
ST52T430K1T6
-40 to +85
°C
TQFP32
ST52T430K2T6
-40 to +85
°C
TQFP32
ST52T430K3T6
-40 to +85
°C
TQFP32
ST52E430K3D6
-40 to +85
°C
CSDIP32W
ST52X430/KIT
DEVELOPMENT KIT
ST52 t nnn
c m p y
TEMPERATURE RANGE:
6 = -40 to 85 °C
PACKAGES:
B = PDIP
M = PSO
T = TQFP
MEMORY SIZE:
1 = 2 Kb
2 = 4 Kb
3 = 8 Kb
PIN COUNT:
K = 32/34 pin
SUBFAMILY:
430
MEMORY TYPE:
T = OTP
E = EPROM
FAMILY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com