Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T430K2 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST52T430K2
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K2 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST52T430K2 Datasheet HTML 63Page - STMicroelectronics ST52T430K2 Datasheet HTML 64Page - STMicroelectronics ST52T430K2 Datasheet HTML 65Page - STMicroelectronics ST52T430K2 Datasheet HTML 66Page - STMicroelectronics ST52T430K2 Datasheet HTML 67Page - STMicroelectronics ST52T430K2 Datasheet HTML 68Page - STMicroelectronics ST52T430K2 Datasheet HTML 69Page - STMicroelectronics ST52T430K2 Datasheet HTML 70Page - STMicroelectronics ST52T430K2 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
ST52T430/E430
67/88
Figure 11.3 SCI Status Input Register
If the core supplies new data it can’t be loaded in
the SCDR_TX block until the current data hasn’t
been unloaded on the Shift Register block.
Therefore, data may be loaded in the SCDR_TX
Block only when TXEM is 1.
When the SHIFT REGISTER Block loads data to
be transmitted on an internal buffer, TXEND is
reset to 0 in order to indicate the beginning of a
new transmission. At the end of transmission
TXEND is set to 1, allowing to load new data
coming from SCDR_TX in the SHIFT REGISTER.
Note: TXEND = 1 does not mean SCDR_TX is
ready to receive new data. For this reason it is
better to utilize the TXEM signal in order to
synchronize the LDPR instruction to the SCI
TRANSMITTER block
If the ST52x430 core resets TE to 0, the
transmission is interrupted, but the SCI Transmitter
block completes the transmission in progress
before reset.
Warning:
after the stop bit in SCI transmission an
idle time is present before the next start bit. This
time is equal to the duration of a bit transmission.
11.3 Baud Rate Generator Block
The Baud Rate Generator Block performs the
division of the clock master signal (CKM), in a set
of synchronism frequencies for the serial bit
reception/transmission on the external line.
Table 11.1 illustrates the set of frequencies
selected
by
means
of
BRSL
(Configuration
Register 20).
Reception frequency (CLOCK_RX) is 16 times
higher than transmission frequency (CLOCK_TX).
The following example illustrates a simple way to
use SCI to receive and transmit data:
LDRC 1 155
LDCR 20 1
These instructions load value 155
on the Configuration Register 20
fixing the Baud Rate=9600, 8 bit
data, TE=1, RE=1; Parity; 1 stop bit.
LDRC 1 252
LDCR 19 4
SCI
Interrupts
enabled,
clock
frequency 20 MHz
LDRC 1 170
LDPR 9 1
Send data to transmission buffer
WAITI
LDRI 6 19
Save the SCI status register on the
RAM
LDRI 1 18
Save the received data on a RAM
register
D7 D6 D5 D4 D3 D2 D1 D0
SCI_ST
Input Register 19
TXEND
- END TRANSMISSION
TXEM
- TRANSMISSION DATA REGISTER EMPTY
R8
- RECEIVED NINTH BIT
NSERR
- NOISE ERROR
NOT USED
OVERR - OVERRUN ERROR
RXF
- RECEIVE DATA REGISTER FULL
FRERR
- FRAME ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com