Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T430K2 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST52T430K2
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K2 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST52T430K2 Datasheet HTML 73Page - STMicroelectronics ST52T430K2 Datasheet HTML 74Page - STMicroelectronics ST52T430K2 Datasheet HTML 75Page - STMicroelectronics ST52T430K2 Datasheet HTML 76Page - STMicroelectronics ST52T430K2 Datasheet HTML 77Page - STMicroelectronics ST52T430K2 Datasheet HTML 78Page - STMicroelectronics ST52T430K2 Datasheet HTML 79Page - STMicroelectronics ST52T430K2 Datasheet HTML 80Page - STMicroelectronics ST52T430K2 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
ST52T430/E430
77/88
12.8 Port Pin Characteristics
12.8.1 General Characteristics.
Subject to general operating condition for VDD, fosc, and TA , unless otherwise specified.
Notes:
1. Unless otherwise specified, typical data is based on TA=25 °C and VDD=5 V
2. Hysteresis voltage between Schmitt trigger switching level. Based on characterization results, not
tested in production.
3. Configuration is not recommended, all unused pins must be kept at a fixed voltage: using the output
mode of the I/O for example or an external pull-up or pull-down resistor (see Figure 12.11. Data based on
design simulation and/or technology characteristics is not tested in production.
Figure 12.11 Recommended configuration for unused pins
Symbol
Parameter
Condition
Min
Typ1)
Max
Unit
VIL
CMOS type low level input voltage.
Port B pins. (See Fig 11.13)
1.5
V
TTL type Schmitt trigger low level
input voltage. Port A and Port C
pins. (See Fig. 11.12)
0.8
VIH
CMOS type high level input voltage.
Port B pins. (See Fig 11.13)
3.3
TTL type Schmitt trigger high level
input voltage. Port A and Port C
pins. (See Fig. 11.12)
2.2
Vhys
Schmitt trigger voltage hysteresis 2)
1
IL
Input leakage current
VSS≤VIN≤VDD
±1
µA
IS
Static current consumption3)
Floating input mode
200
VDD
ST52
UNUSED I/O PORT
10k
UNUSED I/O PORT
ST52
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com