Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T430K2 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST52T430K2
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K2 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST52T430K2 Datasheet HTML 64Page - STMicroelectronics ST52T430K2 Datasheet HTML 65Page - STMicroelectronics ST52T430K2 Datasheet HTML 66Page - STMicroelectronics ST52T430K2 Datasheet HTML 67Page - STMicroelectronics ST52T430K2 Datasheet HTML 68Page - STMicroelectronics ST52T430K2 Datasheet HTML 69Page - STMicroelectronics ST52T430K2 Datasheet HTML 70Page - STMicroelectronics ST52T430K2 Datasheet HTML 71Page - STMicroelectronics ST52T430K2 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
ST52T430/E430
68/88
12 ELECTRICAL CHARACTERISTICS
12.1 Parameter Conditions
Unless otherwise specified, all voltages are
referred to Vss.
12.1.1 Minimum and Maximum values.
Unless otherwise specified, the minimum and
maximum values are guaranteed in the worst
conditions of environment temperature, supply
voltage and frequencies production testing on
100% of the devices with an environmental
temperature at TA=25°C and TA=TAmax (given by
the selected temperature range).
Data is based on characterization results, design
simulation and/or technology characteristics are
indicated in the table footnotes and are not tested
in production. The minimum and maximum values
are based on characterization and refer to sample
tests, representing the mean value plus or minus
three times the standard deviation (mean
±3Σ).
12.1.2 Typical values.
Unless otherwise specified, typical data is based
on TA=25°C, VDD=5V (for the 4.5≤VDD≤5.5V
voltage range). They are provided only as design
guidelines and are not tested.
12.1.3 Typical curves.
Unless otherwise specified, all typical curves are
provided only as design guidelines and are not
tested.
Figure 12.1 Pin loading conditions
12.1.4 Loading capacitor. The loading condition
used for pin parameter measurement is illustrated
in Figure 12.1.
12.1.5 Pin input voltage.
Input voltage measurement on a pin of the device
is described in Figure 12.2
Figure 12.2 Pin input Voltage
12.2 Absolute Maximum Ratings
Stresses above those listed as “absolute maximum
ratings” may cause permanent damage to the
device. This is a stress rating only.
Functional operation of the device under these
conditions is not implied. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
ST52 PIN
C
L
ST52 PIN
V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com