Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T430K2 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST52T430K2
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K2 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST52T430K2 Datasheet HTML 61Page - STMicroelectronics ST52T430K2 Datasheet HTML 62Page - STMicroelectronics ST52T430K2 Datasheet HTML 63Page - STMicroelectronics ST52T430K2 Datasheet HTML 64Page - STMicroelectronics ST52T430K2 Datasheet HTML 65Page - STMicroelectronics ST52T430K2 Datasheet HTML 66Page - STMicroelectronics ST52T430K2 Datasheet HTML 67Page - STMicroelectronics ST52T430K2 Datasheet HTML 68Page - STMicroelectronics ST52T430K2 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
ST52T430/E430
65/88
When the SCI Receiver is in IDLE status, it is
waiting for the START condition, which is obtained
with a logic level 0, consecutive to a logic level 1.
This condition is detected if a logic level 0 is
sampled after three logic levels 1 with the fixed
sampling time.
The recognition of the START bit forces the SCI
Receiver Block to enter in a data acquisition
sequence. The data acquisition sequence is
configured via Configuration Register 20 as
follows.
The 2 bits, M, of the Configuration Register 20
allows the definition of the serial mode as
illustrated in Table 11.1.
In the case that M=10,
Βιτ Τ8 is used to set the
parity check in order to perform (as indicated in
Table 11.1).
Recognition of the STOP condition allows data
received
from
the
Recovery
Buffer
to
be
transferred to the SCDR_RX buffer, adding the
eventual ninth data bit, according to the meaning
illustrated in previous Table 11.1. After this
operation, the RXF flag of the SCI Status Input
Register 19 (Figure 11.3) is set to logic level 1. The
Control Unit reads data from the SCDR_RX buffer
(in read-only mode) with the LDRI instruction,
addressing Input Register 18, and provides a reset
at logic level 0 to the RXF flag.
If data of the Recovery Buffer is ready to be
transferred into the SCDR_RX buffer, but the
previous one was not read by the Core yet, an
OVERRUN Error takes place: the status flag
OVERR indicates the error condition. In this case,
the information stored in the SCDR_RX buffer is
not altered, but the one that has caused the
OVERRUN error can be overwritten by new data
deriving from the serial data line.
Recovery Buffer Block
This block is structured as a synchronized finite
state machine on the CLOCK_RX signal.
When the Recovery Buffer Block is in IDLE state it
waits for the reception of the correct 1 and 0
sequence representing START.
The recognition takes place by sampling the input
RX/PC5 at CLOCK_RX frequency, which has a
frequency that is 16 times higher than CLOCK_TX.
While the external transmitter sends a single bit,
the Recovery Buffer Block samples 16 states (from
SAMPLE1 to SAMPLE16).
The analysis of the RX/PC5 input signal is carried
out providing three samples for each bit received.
If these three samples are not equal, then the
noise error flag, NSERR, of Input Register 19 is set
to 1 and the data value received will be the one
assumed by the majority of the samples.
The procedure above allows SCI not to become
IDLE, because of a limited noise due to “an
erroneous
sampling”.
The
transmission
is
recognized as correct and the noise flag is set.
At the end of the reception of a bit, Recovery Buffer
Block will repeat the same step 9 times: one for the
stop acquisition (10 times in case of 9-bit data,
double stop or parity check).
At the end of data reception the Recovery Buffer
Block will supply information on eventual frame
errors by setting the FRERR flag bit of Input
Register 19 to 1.
Table 11.1 Configuration Register 20 Setting
Bit
Name
Value
Description
0TE
0
Transmission
1
Transmission ENABLED
1RE
0
Receiver DISABLED
1
Receiver ENABLED
2M
00
8, No Parity, 1 bit stop
01
8, No Parity, 2 bit stop
3
10
8, Parity, 1 bit stop
11
9, No Parity, 1 bit stop
4T8
0
Parity Odd, if Parity is
selected (M
= 10);
otherwise 9th Data bit
1
Parity Even, if Parity is
selected (M = 10);
otherwise 9th Data bit
5
BRSL
000
600 baud
001
1200 baud
010
2400baud
6
011
4800 baud
100
9600 baud
7
101
19200 baud
110
38400 baud
111
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com