Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T430K2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST52T430K2
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST52T430K2 Datasheet HTML 19Page - STMicroelectronics ST52T430K2 Datasheet HTML 20Page - STMicroelectronics ST52T430K2 Datasheet HTML 21Page - STMicroelectronics ST52T430K2 Datasheet HTML 22Page - STMicroelectronics ST52T430K2 Datasheet HTML 23Page - STMicroelectronics ST52T430K2 Datasheet HTML 24Page - STMicroelectronics ST52T430K2 Datasheet HTML 25Page - STMicroelectronics ST52T430K2 Datasheet HTML 26Page - STMicroelectronics ST52T430K2 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
ST52T430/E430
23/88
3 EPROM
EPROM memory provides an on-chip user-
programmable non-volatile memory, which allows
fast and reliable storage of user data.
EPROM memory can be locked by the user. In
fact, a memory location called Lock Cell is devoted
to lock EPROM and avoid external operations. A
software identification code, called ID CODE,
distinguishes which software version is stored in
the memory.
64 kbits of memory space with an 8-bit internal
parallelism (up to 8 kbytes) addressed by an 13-bit
bus are available. The data bus is 8 bits.
Memory has a double supply: VPP is equal to
12V
±5% in Programming Phase or to V
SS during
Working Phase. VDD is equal to 5V±10%.
ST52x430 EPROM memory is divided into three
main blocks (see Figure ):
s
Interrupt Vectors memory block (3 through 20)
contains the addresses for the interrupt routines.
Each address is composed of three bytes.
s
Mbfs Setting memory block (21 through
MemAdd) contains the coordinates of the
vertexes of every Mbf defined in the program.
Figure 3.1 Program Memory Organization
s
The maximum value of MemAdd is 1023. This
area is dynamically assigned according to the
size of the fuzzy routines. The unused memory
area, if any, is assigned to the Program
Instruction Set memory block.
s
The Program Instructions Set memory block
(MemAdd through MemAddx) contains the
instruction set of the user program. The
following table summarizes the values of Mem
Addx for the different devices
Table 3.1 Mem Addx
Locations 0, 1 and 2 contain the address of the first
microcode instruction.The operations that can be
performed on EPROM during the Programming
Phase are: Stand By, Memory Writing, Reading
and Verify/Margin Mode, Memory Lock, IDCode
Writing and Verify.
ST52T430K1
ST52T430
ST52T430
Me
m
2047
4095
8191
0
2
3
20
Program Instruction
First Address
INT_EXT
INT_SCI
INT_TIMER/PWM2
INT_TIMER/PWM1
INT_TIMER/PWM0
INT_ADC
8191
MemAdd
Mbfs Parameters
Fuzzy and Boolean
Algorithms
Program
Instruction
Set
Mbfs Setting
and Program
Instruction Set
Interrupt
Vectors
21
2047
4095
ST52430K2
ST52430K1
ST52430K3
MemAdd+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com