Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T430K2 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST52T430K2
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K2 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST52T430K2 Datasheet HTML 27Page - STMicroelectronics ST52T430K2 Datasheet HTML 28Page - STMicroelectronics ST52T430K2 Datasheet HTML 29Page - STMicroelectronics ST52T430K2 Datasheet HTML 30Page - STMicroelectronics ST52T430K2 Datasheet HTML 31Page - STMicroelectronics ST52T430K2 Datasheet HTML 32Page - STMicroelectronics ST52T430K2 Datasheet HTML 33Page - STMicroelectronics ST52T430K2 Datasheet HTML 34Page - STMicroelectronics ST52T430K2 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
ST52T430/E430
31/88
Figure 4.6 Example of a sequence of Interrupt requests
REMARK: The Interrupt priority must be set at
the beginning of the main program, because at
the
RESET
REG_CONF1=’00000000’,
this
condition could generate wrong operations.
Further, changing the priority levels must be
avoided in interrupt service routines.
When a source provides an Interrupt request and
the request processing is also enabled, the CU
changes the normal sequential flow of a program
by transferring program control to a selected
service routine.
When an interrupt occurs the CU executes a JUMP
instruction to the address loaded in the related
location of the Interrupt Vector.
When the execution returns to the original program
it immediately begins following the instruction that
was interrupted.
4.6 Interrupts and Low power mode
All interrupts allow the processor to leave the WAIT
low power mode. Only the external Interrupt allows
the processor to leave the HALT low power mode.
4.7 Interrupt RESET
An eventually pending interrupt can be reset with
the instruction RINT j, which resets the interrupt
j-th where j identifies the peripherals as described
in the following table (see Table 4.4).
The assembler instruction:
RINT 2
Resets the PWM/Timer 1 interrupt.
Note: The RINT command must be preceded
from a UDGI (or MDGI) command and followed
by a UEGI (or MEGI) command.
WARNING: If an interrupt is reset, with the RINT
instruction within its own interrupt routine, the
priority level of the interrupt becomes the
lowest and the routine can be immediately
interrupted
by
a
lower
priority
interrupt
request.
Table 4.4 RINT Instruction code
Peripheral Name
Value
A/D Converter
0
PWM/TIMER 0
1
PWM/TIMER 1
2
PWM/TIMER 2
3
SCI
4
External Interrupt
5
Table 4.4 RINT Instruction code
Peripheral Name
Value
MAIN PROGRAM
5
4
3
2
1
0
INT2
INT0
INT2
INT1
INT2
INT3
INT4
MAIN PROGRAM
PRIORITY
LEVEL
INT2
INT0
INT4
INT1
INT3
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com