Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T40B Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST62T40B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T40B Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST62T40B Datasheet HTML 59Page - STMicroelectronics ST62T40B Datasheet HTML 60Page - STMicroelectronics ST62T40B Datasheet HTML 61Page - STMicroelectronics ST62T40B Datasheet HTML 62Page - STMicroelectronics ST62T40B Datasheet HTML 63Page - STMicroelectronics ST62T40B Datasheet HTML 64Page - STMicroelectronics ST62T40B Datasheet HTML 65Page - STMicroelectronics ST62T40B Datasheet HTML 66Page - STMicroelectronics ST62T40B Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
63/72
ST62T40B/E40B
6.3 DC ELECTRICAL CHARACTERISTICS
(TA = -40 to +85°C unless otherwise specified)
Notes:
(1) Hysteresis voltage between switching levels
(2) All peripherals running
(3) All peripherals in stand-by
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIL
Input Low Level Voltage
All Input pins
VDD x 0.3
V
VIH
Input High Level Voltage
All Input pins
VDD x 0.7
V
VHys
Hysteresis Voltage (1)
All Input pins
VDD=5V
VDD=3V
0.2
0.2
V
VOL
Low Level Output Voltage
All Output pins
VDD= 5.0V; IOL = +10µA
VDD= 5.0V; IOL = + 5mA
0.1
0.8
V
Low Level Output Voltage
20 mA Sink I/O pins
VDD= 5.0V; IOL = +10µA
VDD= 5.0V; IOL = +10mA
VDD= 5.0V; IOL = +20mA
0.1
0.8
1.3
VOH
High Level Output Voltage
All Output pins
VDD= 5.0V; IOL = -10µA
VDD= 5.0V; IOL = -5.0mA
4.9
3.5
V
RPU
Pull-up Resistance
All Input pins
40
100
200
ΚΩ
RESET pin
150
350
900
IIL
IIH
Input Leakage Current
All Input pins but RESET
VIN =VSS (No Pull-Up configured)
VIN =VDD
0.1
1.0
µA
Input Leakage Current
RESET pin
VIN =VSS
VIN =VDD
-8
-16
-30
10
IDD
Supply Current in RESET
Mode
VRESET=VSS
fOSC=8MHz
7mA
Supply Current in
RUN Mode (2)
VDD=5.0V fINT=8MHz
7
mA
Supply Current in WAIT
Mode (3)
VDD=5.0V fINT=8MHz
2
mA
Supply Current in STOP
Mode (3)
ILOAD=0mA
VDD=5.0V
10
µA
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com