Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T40B Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST62T40B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T40B Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST62T40B Datasheet HTML 64Page - STMicroelectronics ST62T40B Datasheet HTML 65Page - STMicroelectronics ST62T40B Datasheet HTML 66Page - STMicroelectronics ST62T40B Datasheet HTML 67Page - STMicroelectronics ST62T40B Datasheet HTML 68Page - STMicroelectronics ST62T40B Datasheet HTML 69Page - STMicroelectronics ST62T40B Datasheet HTML 70Page - STMicroelectronics ST62T40B Datasheet HTML 71Page - STMicroelectronics ST62T40B Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
71/72
ST6240B
ST6240B MICROCONTROLLER OPTION LIST
Customer
. . . . . .... . ... .. . . ... ... . .
Address
. . . . . .... . ... .. . . ... ... . .
.. ... .. .. .... . . ... .. ... ..
Contact
. . . . . .... . ... .. . . ... ... . .
Phone No
. . . . . .... . ... .. . . ... ... . .
Reference
. . . . . .... . ... .. . . ... ... . .
STMicroelectronics references
Device:
[ ] ST6240B
Package:
[ ] Plastic Quad Flat Package (Tape & Reel)
Temperature Range:
[ ] 0
°Cto + 70°C
[]- 40
°Cto + 85°C
Special Marking:
[ ] No
[ ] Yes ”_ _ _ _ _ _ _ _ _ _ _ ”
Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only.
Maximum character count:
PQFP80:
10
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
NMI Pull-Up Selection:
[ ] Yes
[ ] No
Timer Pull-Up Selection:
[ ] Yes
[ ] No
ROM Readout Protection:
[ ] Standard (Fuse cannot be blown)
[ ] Enabled (Fuse can be blown by the customer)
Note: No part is delivered with protected ROM.
The fuse must be blown for protection to be effective.
Comments :
Number of segments and backplanes used:
Supply Operating Range in the application:
Oscillator Fequency in the application:
Notes
. . . . . .... . ... .. . . ... ... . .
Signature
. . . . . .... . ... .. . . ... ... . .
Date
. . . . . .... . ... .. . . ... ... . .
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com